Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41T-RHS Datasheet(PDF) 3 Page - Cree, Inc

Part # CP41T-RHS
Description  Cree짰 P4 LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41T-RHS Datasheet(HTML) 3 Page - Cree, Inc

  CP41T-RHS Datasheet HTML 1Page - Cree, Inc CP41T-RHS Datasheet HTML 2Page - Cree, Inc CP41T-RHS Datasheet HTML 3Page - Cree, Inc CP41T-RHS Datasheet HTML 4Page - Cree, Inc CP41T-RHS Datasheet HTML 5Page - Cree, Inc CP41T-RHS Datasheet HTML 6Page - Cree, Inc CP41T-RHS Datasheet HTML 7Page - Cree, Inc CP41T-RHS Datasheet HTML 8Page - Cree, Inc CP41T-RHS Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree P4 LED
CP41T-RDS/ADS
CP41T-RFS/RFS
CP41T-RHS/AHS
•Toleranceofmeasurementofluminousfluxis±15%
•Toleranceofmeasurementofdominantwavelengthis±1nm
• ToleranceofmeasurementofVFis±0.05V.
Red
Amber
Red
Bin Code
Min.(nm)
Max.(nm)
RE
620
637
Amber
Bin Code
Min.(nm)
Max.(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
CP41T-RDS (40 degree)
Bin Code
Min. (mlm)
Max. (mlm)
H0
2750
3300
J0
3300
3850
K0
3850
4400
L0
4400
5500
M0
5500
6600
CP41T-ADS/AFS (40/70 degree)
Bin Code
Min. (mlm)
Max. (mlm)
G0
2200
2750
H0
2750
3300
J0
3300
3850
K0
3850
4400
L0
4400
5500
CP41T-RFS/RHS (70/100 degree)
Bin Code
Min. (mlm)
Max. (mlm)
J0
3300
3850
K0
3850
4400
L0
4400
5500
M0
5500
6600
Red
Bin Code
Min. (V)
Max. (V)
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
28
3.0
3.2
Amber
Bin Code
Min. (V)
Max. (V)
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
28
3.0
3.2
CP41T-AHS (100 degree)
Bin Code
Min. (mlm)
Max. (mlm)
G0
2200
2750
H0
2750
3300
J0
3300
3850
K0
3850
4400
L0
4400
5500
M0
5500
6600
FLUX BIN LIMIT (I
F = 70 mA)
COLOR BIN LIMIT (I
F = 70 mA)
VF BIN LIMIT (I
F = 70 mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com