Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF340 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF340
Description  N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF340 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF340 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF340 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF340 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF340 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF340 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IRF340-343/IRF740-743 T-39-13
MTM8N35/8N40
N-Channel Power MOSFETs
10A, 350V/400V
www.artschip.com
2
Electrical Characteristics
(Tc=25℃ unless otherwise noted)
Symbol
Characteristic
Min
Max
Unit
Test Conditions
Off Characteristics
400
V(BR)DSS
Drain-Source Breakdown Voltage1
IRF340/342/740/742
Irf341/343/741/743
350
V
VGS=0V, ID=250µA
250
µA
VDS=Rated VDSS, VGS=0V
IDSS
Zero Gate Voltage Drain Current
1000
µA
VDS=0.8 x Rated Vds,
VGS=0V, Tc=125℃
IGSS
Gate-Body Leakage Current
IRF340-343
IRF740-743
±100
±500
nA
VGS=±20V, VDS=0V
On Characteristics
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
ID=250µA, VDS=VGS
RDS(on)
Static Drain-Source On-Resistance 2
IRF340/341/740/741
IRF342/343/742/743
0.55
0.80
VGS=10V, ID=5.0A
gfs
Forward Transconductance
4.0
S( )
VDS=10V, ID=5.0A
Dynamic Characteristics
Ciss
Input Capacitance
1600
pF
Coss
Output Capacitance
450
pF
Crss
Reverse Transfer Capacitance
150
pF
VDS=25V, VGS=0V
f=1.0MHz
Switching Characteristics
(Tc=25℃, Figures 9, 10)
td(on)
Turn-On Delay Time
35
ns
tr
Rise Time
15
ns
td(off)
Turn-Off Delay Time
90
ns
tf
Fall Time
35
ns
VDD=175V, ID=5.0A
VGS=10V, RGEN=4.7 Ω
RGS=4.7 Ω
Qg
Total Gate Charge
60
nC
VGS=10V, ID=12A
VDD=400V
Symbol
Characteristic
TYP
Max
Unit
Test Conditions
Source-Drain Diode Characteristics
VSD
Diode Forward Voltage
IRF340/341/740/741
Irf342/343/742/743
2.0
1.9
V
V
IS=10A; VGS=0V
IS=8A; VGS=0V
trr
Reverse Recovery Time
600
ns
IS=10A; dIS/dt=100A/µS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com