Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW5015 Datasheet(PDF) 6 Page - Shanghai awinic technology co.,ltd

Part # AW5015
Description  Very Low Noise Submergence
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW5015 Datasheet(HTML) 6 Page - Shanghai awinic technology co.,ltd

Back Button AW5015 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AW5015 datasheet
Apr 2016 V1.2
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Page 6 of 23
Table 3 .
Characteristics……continued
(AW5015 EVB
1)
; VCC=1.5 to 3.6V, TA=-40~+85℃, f=1550MHz to 1615MHz; Typical values are at VCC=2.8V and
TA=+25℃, f=1575.42MHz, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS
ton
Turn-on time
3)
2.2
µs
toff
Turn-off time
3)
1.7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com