Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW5015 Datasheet(PDF) 10 Page - Shanghai awinic technology co.,ltd

Part # AW5015
Description  Very Low Noise Submergence
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW5015 Datasheet(HTML) 10 Page - Shanghai awinic technology co.,ltd

Back Button AW5015 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 14Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AW5015 datasheet
Apr 2016 V1.2
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Page 10 of 23
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1000
1200
1400
1600
1800
2000
Noise Figure
VCC=2.8V; Pi=-45dBm.
(1) TA=-25 ℃
(2) TA=+25℃
(3) TA=+85℃
(1)
(2)
(3)
f(MHz)
Figure 7. Noise Figure as a function of frequen-
cy ; typical values
6
8
10
12
14
16
18
20
1000
1200
1400
1600
1800
2000
Power Gain
VCC=1.8V; Pi=-45dBm.
(1) TA=-25 ℃
(2) TA=+25℃
(3) TA=+85℃
(1)
(2)
(3)
f(MHz)
Figure 8. Power Gain as a function of frequency;
typical values
6
8
10
12
14
16
18
20
22
1000
1200
1400
1600
1800
2000
Power Gain
VCC=2.8V; Pi=-45dBm.
(1) TA=-25 ℃
(2) TA=+25℃
(3) TA=+85℃
f(MHz)
(1)
(2)
(3)
Figure 9. Power Gain as a function of frequency;
typical values
10
11
12
13
14
15
16
17
18
19
-35
-29
-23
-17
-11
-5
Power Gain
VCC=1.8V; f=1575.42MHz.
(1) TA=-25 ℃
(2) TA=+25℃
(3) TA=+85℃
(1)
(2)
(3)
Pin(dBm)
Figure 10. Power Gain as a function of input
power; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com