Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1668 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1668
Description  LED Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1668 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button HT1668 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
pin, therefore, it is highly recommended that an external pull-up resistor (1 KOhms to 10 KOhms) must be connected to DOUT.
RECEPTION (Data/Command Write)
b0
b1
b2
b6
b7
12
3
7
8
If data continues
STB
DIN
CLK
TRANSMISSION (Data Read)
1234
567
8
12
3456
Data Read Command is set
Data Reading Starts
twait
STB
DIN
CLK
DOUT
b0 b1 b2 b3 b4 b5 b6 b7
b0 b1 b2 b3 b4 b5
where: twait (waiting time) ≥ 1μs
It must be noted that when the data is read, the waiting time (twait ) between the rising of the eighth clock that has set the
command and the falling of the first clock that has read the data is greater or equal to 1μs.
SWITCHING CHARACTERISTIC WAVEFORM
HT1668 Switching Characteristics Waveform is given below.
STB
CLK
PW
setup
hold
t
t
PW
CLK
PW
t CLK-STB
tt
t
t
tt
TZH
THZ
TZL
TLZ
PZL
PLZ
OSC
STB
CLK
fosc
50%
90%
10%
10%
90%
DIN
DOUT
Gn
Sn
LED Driver IC
HT1668
www.artschip.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com