Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1668 Datasheet(PDF) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1668
Description  LED Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1668 Datasheet(HTML) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button HT1668 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
where:
PWCLK (Clock Pulse Width) ≥ 400nS
PWSTB (Strobe Pulse Width) ≥1μs
tsetup (Data Setup Time) ≥100nS
thold (Data Hold Time) ≥100nS
tCLK-STB (Clock-Strobe Time) ≥1μs
tTHZ(Fall Time)≤10μs
tTZH(Rise Time) ≤1μs
tPZL(Propagation Delay Time) ≤100nS
fosc=Oscillation Frequency
tPLZ(Propagation Delay Time) ≤300uS
tTZL< 1μs
tTLZ<10μs
Note: Test condition under
tTHZ ( Pull low risistor=100k ohms, Loading capacitor =300pf)
tTLZ (Pull high risistor =100k ohms, Loading capacitor=300pf )
APPLICATIONS
Display memory is updated by incrementing addresses. Please refer to the following diagram.
Command1
Command2
Command3
Command4
Data1
Data n
STB
CLK
DIN
where: Command 1: Display Mode Setting Command
Command 2: Data Setting Command
Command 3: Address Setting Command
Data 1 to n : Transfer Display Data (14 Bytes max.)
Command 4: Display Control Command
The following diagram shows the waveforms when updating specific addresses.
Data
Command2
Command3
Data
Command 3
STB
CLK
DIN
where: Command 2 — Data Setting Command
Command 3 — Address Setting Command
Data — Display Data
LED Driver IC
HT1668
www.artschip.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com