Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1668 Datasheet(PDF) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1668
Description  LED Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1668 Datasheet(HTML) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button HT1668 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise stated, Ta=25℃, GND=0V)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
-0.5 to +7
Volts
Logic Input Voltage
VI
-0.5 to VDD +0.5
Volts
IOLGR
+250
mA
Driver Output Current
IOHSG
-50
mA
Maximum Driver Output Current/Total
ITOTAL
400
mA
RECOMMENDED OPERATING RANGE
(Unless otherwise stated, Ta=-20 to +70℃, GND=0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Logic Supply Voltage
VDD
4.5
5
5.5
V
Dynamic Current (see Note)
IDDdyn
-
-
10
mA
High-Level Input Voltage
VIH
0.8VDD
-
VDD
V
Low-Level Input Voltage
VIL
0
-
0.3VDD
V
Note: Test Condition: Set Display Control Commands = 80H (Display Turn OFF State & under no load)
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated, VDD=5V, GND=0V, Ta=25℃)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IOHSG1
Vo=VDD-2V
SG1 to SG10, SG12/GR7
-20
-25
-40
mA
High-Level Output Current
IOHSG2
Vo=VDD-3V
SG1 to SG12, SG12/GR7
-25
-30
-50
mA
Low-Level Output Current
IOLGR
Vo=0.3V
GR1 to GR6, SG12/GR7
100
140
-
mA
Low-Level Output Current
IOLDOUT
Vo=0.4V
4
-
-
mA
Segment High-Level
Output Current Tolerance
ITOLSG
Vo=VDD-3V
SG1 to SG10, SG12/GR7
-
-
±5
mA
High-Level Input Voltage
VIH
-
0.8 VDD
-
5
V
Low-Level Input Voltage
VIL
-
0
-
0.3VDD
V
Oscillation Frequency fosc
350
500
650
KHz
K1 to K2 Pull Down Resistor
RKN
K1 to K2
VDD=5V
40
-
100
KOhms
LED Driver IC
HT1668
www.artschip.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com