Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM339
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM339 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM339 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM139/LM239/LM339/LM2901/LM3302
www.artschip.com
3
Electrical Characteristics (Continued)
(V
+=5 VDC, TA =25℃, unless otherwise stated)
LM139A
LM239A,LM339A
LM139
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RL=5.1KΩ
Response Time
VRL = 5VDC, RL=5.1KΩ, (Note 7)
1.3
1.3
1.3
µs
Output Sink Current
VIN(-) = 1 VDC, VIN(+) = 0,
VO ≤ 1.5 VDC
6.0
16
6.0
16
6.0
16
mADC
Saturation Voltage
VIN(-) = 1 VDC, VIN(+) = 0,
ISINK ≤ 4mA
250 400
250
400
250
400
mADC
Output Leakage
Current
VIN(-) = 1 VDC, VIN(+) = 0,
VO = 5 VDC
0.1
0.1
0.1
nADC
Electrical Characteristics
(V+ =5 VDC, TA = 25℃, unless otherwise stated)
LM239, LM339
LM2901
LM3302
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Input Offset Voltage
(Note 9)
2.0
5.0
2.0
7.0
3
20
mVDC
Input Bias Current
IIN(+) or IIN(-) with Output in
Linear Range, (Note 5), VCM=0V
25
250
25
250
25
500
nADC
Input Offset Current
IIN(+) - IIN(-) ,VCM=0V
5.0
50
5
50
3
100
nADC
Input Common-Mode
Voltage Range
V
+=30 VDC (LM3302,
V
+=28 VDC)(Note 6)
0
V
+ -1.5
0
V
+ -1.5
0
V
+ -1.5
VDC
Supply Current
RL=∞ on all Comparators,
RL=∞, V
+=36V,
(LM3302, V
+=28 VDC)
0.8
2.0
1.0
2.5
0.8
2.0
1.0
2.5
0.8
2.0
1.0
2.5
mADC
mADC
Voltage Gain
RL≥15KΩ, V
+ = 15 VDC
VO = 1 VDC to 11 VDC
50
200
25
100
2
30
V/mV
Large Signal
Response Time
VIN =TTL Logic Swing, VREF=
1.4 VDC, VRL = 5VDC
RL=5.1KΩ
300
300
300
ns
Response Time
VRL = 5VDC, RL=5.1KΩ, (Note 7)
1.3
1.3
1.3
µs
Output Sink Current
VIN(-) = 1 VDC, VIN(+) = 0,
VO = 1.5 VDC
6.0
16
6.0
16
6.0
16
mADC
Saturation Voltage
VIN(-) = 1 VDC, VIN(+) = 0,
ISINK ≤ 4mA
250
400
250
400
250 500
mVDC
Output Leakage
Current
VIN(+) = 1 VDC, VIN(-) = 0,
VO = 5 VDC
0.1
0.1
0.1
nADC
Electrical Characteristics
(V+ =5.0 VDC,(Note 4))
LM139A
LM239A,LM339A
LM139
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Input Offset Voltage
(Note 9)
4.0
4.0
9.0
mVDC
Input Offset Current
I(IN+) - IIN(-) ,VCM=0V
100
150
100
nADC
Input Bias Current
I(IN+) or IIN(-) with Output in
Linear Range, VCM=0V (Note 5)
300
400
400
nADC
Input Common-Mode
Voltage Range
V
+=30 VDC,(LM3302,
V
+=28 VDC)(Note 6)
0
V
+ -2.0
0
V
+ -2.0
0
V
+ -2.0
VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com