Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM339
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM339 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM339 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM139/LM239/LM339/LM2901/LM3302
www.artschip.com
1
LM139/LM239/LM339/LM2901/LM3302
Low Power Low Offset Voltage Quad Comparators
General Description
The LM139 series consists of four independent precision
voltage comparators with an offset voltage specification as low
as 2 mV max for all for comparators. These were designed
specifically to operate from a single power supply over a wide
range of voltages. Operation from split power supplies is also
possible and the low power supply current drain is independent
of the magnitude of the power supply voltage. These
comparators also have a unique characteristic in that the input
common-mode voltage range includes ground, even though
operated from a single power supply voltage.
Application areas include limit comparators, simple analog to
digital converters; pulse, squarewave and time delay generators;
wide range VCO; MOS clock timers; multivibrators and high
voltage digital logic gates. The LM139 series was designed to
directly interface with TTL and CMOS. When operated from both
plus and minus power supplies, they will directly interface with
MOS logic— where the low power drain of the LM339 is a
distinct advantage over standard comparators.
Features
Wide supply voltage range
LM139/139A Series
2 to 36 VDC or ±1 to ±18VDC
LM2901:
2 to 36 VDC or ±1 to ±18VDC
LM3302:
2 to 28VDC or ±1 to ±14VDC
Very low supply current drain (0.8mA) —independent of
supply voltage
Low input biasing current:
25nA
Low input offset current:
±5nA
Offset voltage:
±3mV
Input common-mode voltage range includes GND
Differential input voltage range equal to the power supply
voltage
Low output saturation Voltage:
250mV at 4 mA
Output voltage compatible with TTL, DTL, ECL, MOS and
CMOS logic systems
Advantages
High precision comparators
Reduced VOS drift over temperature
Eliminates need for dual supplies
Allows sensing near GND
Compatible with all forms of logic
Power drain suitable for battery operation
One-Shot Multivibrator with input
Lock Out


Similar Part No. - LM339

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
NXP Semiconductors
LM339 PHILIPS-LM339 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM339 STMICROELECTRONICS-LM339 Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
logo
Intersil Corporation
LM339 INTERSIL-LM339 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results

Similar Description - LM339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com