Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM339
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM339 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM339 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM339 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM139/LM239/LM339/LM2901/LM3302
www.artschip.com
2
Absolute Maximum Ratings (Note 10 )
Distributors for availability and specifications.
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
LM139/LM239/LM339
LM139A/LM239A/LM339A
LM2901
LM3302
Supply Voltage, V
+
36 VDC or ± 18 VDC
28 VDC or ± 14 VDC
Differential Input Voltage (Note 8)
36 VDC
28 VDC
Input Voltage
-0.3 VDC to +36 VDC
-0.3 VDC to +28 VDC
Input Current (VIN < - 0.3VDC),
(Note 3)
50mA
50mA
Power Dissipation (Note 1)
Molded DIP
1050mW
1050mW
Cavity DIP
1190mW
Small Outline Package
760mW
Output Short-Circuit to GND,
(Note 2)
Continuous
Continuous
Storage Temperature Range
-65℃ to +150℃
-65℃ to +150℃
Lead Temperature
(Soldering, 10 seconds)
260℃
260℃
Operating Temperature Range
LM339/LM339A
0℃ to +70℃
LM239/LM239A
-25℃ to +85℃
LM2901
-40℃ to +85℃
LM139/LM139A
-55℃ to +125℃
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260℃
260℃
Small Outline Package
Vapor Phase (60 seconds)
215℃
215℃
Infrared (15 seconds)
220℃
220℃
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
ESD rating (1.5 KΩ in series with 100 pF)
600V
600V
Electrical Characteristics
(V
+=5 VDC, TA =25℃, unless otherwise stated)
LM139A
LM239A,LM339A
LM139
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Input Offset Voltage
(Note 9)
1.0
2.0
1.0
2.0
2.0
5.0
mVDC
Input Bias Current
IIN(+) or IIN(-) with Output in
Linear Range, (Note 5), VCM=0V
25
100
25
250
25
100
nADC
Input Offset Current
IIN(+) - IIN(-) ,VCM=0V
3.0
25
5.0
50
3.0
25
nADC
Input Common-Mode
Voltage Range
V
+=30 VDC (LM3302,
V
+=28 VDC)(Note 6)
0
V
+ -1.5
0
V
+ -1.5
0
V
+ -1.5
VDC
Supply Current
RL=∞ on all Comparators,
RL=∞, V
+=36V,
(LM3302, V
+=28 VDC)
0.8
2.0
0.8
2.0
1.0
2.5
0.8
2.0
1.0
2.5
mADC
mADC
Voltage Gain
RL≥15KΩ, V
+ = 15 VDC
VO = 1 VDC to 11 VDC
50
200
50
200
50
200
V/mV
Large Signal
Response Time
VIN =TTL Logic Swing, VREF=
1.4 VDC, VRL = 5VDC
300
300
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com