Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3 Datasheet(PDF) 13 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC3
Description  16 PIN Remote Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC3 Datasheet(HTML) 13 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC3 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 16Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 17Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC3 系列(文件编号:S&CIC0955)
16 PIN 遥控器 IC
第 13 页 共 19 页
3) 典型应用线路:
K11
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
VSS
CS
OUT
VDD
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
+3V
47uF
OSC
1C
17
10
0D
0E
0F
1D
1F
1E
04
05
06
07
5D
12
14
0B
11
5E
08
09
16
1B
1A
18
15
0C
5C
13
40
41
42
43
44
45
46
00
01
4A
02
03
0A
47
48
49
4B
4C
4D
4E
4F
51
52
53
54
56
50
58
59
5A
5B
5F
19
88
8A
55
57
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com