Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3 Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC3
Description  16 PIN Remote Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC3 Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC3 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC3 系列(文件编号:S&CIC0955)
16 PIN 遥控器 IC
第 4 页 共 19 页
八、
典型应用线路与应用说明
 SC37461-1
1) 按键码如下表所示:
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K2
00
K3
01
02
K4
03
04
05
K5
06
07
08
09
K6
0A
0B
0C
0D
0E
K7
0F
10
11
12
13
14
K8
15
16
17
18
19
1A
1B
K9
1C
1D
1E
1F
40
41
42
43
K10
44
45
47
48
49
4A
4B
4D
4E
K11
4F
50
51
52
53
56
58
61
63
65
GND
6A
79
7B
7C
7E
90
92
DC
DD
DE
DF
2) 用户码如下表所示:
编号
0 号
1 号
2 号
3 号
4 号
5 号
6 号
7 号
8 号
9 号
10 号
11 号
CS 脚接至
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
悬空
用户码
011C
0117
0119
011A 011B 011D 011E
011F 013C 006E
007B
011C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com