Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3 Datasheet(PDF) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC3
Description  16 PIN Remote Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC3 Datasheet(HTML) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC3 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC3 系列(文件编号:S&CIC0955)
16 PIN 遥控器 IC
第 5 页 共 19 页
3) 典型应用线路:
K11
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
VSS
CS
OUT
VDD
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
+3V
47uF
OSC
00
01
02
03
04
05
06
08
07
09
0A
0B
0C
0D
0E
0F
10
11
12
13
14
15
16
17
18
19
1A
1B
1C
1D
1E
1F
40
41
42
43
44
45
4E
47
48
49
4A
4B
4D
4F
50
51
52
53
58
61
63
65
79
56
7C
7E
90
92
DC
DD
DE
DF
6A
7B
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com