Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284PEVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC284PEVB
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284PEVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC284PEVB Datasheet HTML 4Page - Semtech Corporation SC284PEVB Datasheet HTML 5Page - Semtech Corporation SC284PEVB Datasheet HTML 6Page - Semtech Corporation SC284PEVB Datasheet HTML 7Page - Semtech Corporation SC284PEVB Datasheet HTML 8Page - Semtech Corporation SC284PEVB Datasheet HTML 9Page - Semtech Corporation SC284PEVB Datasheet HTML 10Page - Semtech Corporation SC284PEVB Datasheet HTML 11Page - Semtech Corporation SC284PEVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
SC284P
Typical Waveforms
Circuit Conditions: C
IN= 0uF/6.3V; COUT= 22uF/6.3V, L= 2.2uH (TOKO: 27AS-2R2M).
50us/div
V
IN = 5V
I
OUT = 0.4A to 2A
50us/div
V
IN = 5V
I
OUT = 0.4A to 2A
Shutdown (Disable)(V
OUT=1.5V)
Start Up (Power up V
IN=VCTLx) (VOUT=3.3V)
V
IN
2V/div
200us/div
V
IN = 5V
I
OUT = 2A
V
OUT
V/div
200us/div
V
IN = 5V
I
OUT = 2A
V
OUT
V/div
V
IN
5V/div
50us/div
V
IN = 5V
R
OUT = .65Ω(2A)
V
CTL
2V/div
V
OUT
V/div
Start Up (Enable) (V
OUT=3.3V)
V
IN
5V/div
Start Up (Power up V
IN=VCTLx) (VOUT=1.5V)
Start Up (Enable) (V
OUT=1.5V)
Shutdown (Disable)(V
OUT=3.3V)
V
IN
5V/div
V
CTL
2V/div
V
OUT
V/div
V
CTL
2V/div
V
OUT
V/div
V
IN
5V/div
V
CTL
2V/div
V
IN
2V/div
V
OUT
V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com