Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284PEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC284PEVB
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284PEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC284PEVB Datasheet HTML 1Page - Semtech Corporation SC284PEVB Datasheet HTML 2Page - Semtech Corporation SC284PEVB Datasheet HTML 3Page - Semtech Corporation SC284PEVB Datasheet HTML 4Page - Semtech Corporation SC284PEVB Datasheet HTML 5Page - Semtech Corporation SC284PEVB Datasheet HTML 6Page - Semtech Corporation SC284PEVB Datasheet HTML 7Page - Semtech Corporation SC284PEVB Datasheet HTML 8Page - Semtech Corporation SC284PEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
SC284P
Pin Configuration
Ordering Information
Device
Package
SC284PULTRC()(2)
3 x 3 x 0.6(mm) MLPQ-UT20
SC284PEVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device is fully WEEE and RoHS
compliant and halogen-free.
Table 1 – Output Voltage Settings
CTL2[A/B] CTL1[A/B]
CTL0[A/B]
Output Voltage
0
0
0
Disabled
0
0

.0V
0

0
.V
0


.2V

0
0
.5V

0

.8V


0
2.5V



3.3V
3 x 3 x 0.6(mm) MLPQ-UT20
θ
JA= 40°C/W
Marking Information
284P = Part Number Code
yyww = Date Code
xxxx = Semtech Lot Number
TOP VIEW
1
2
3
4
T
PVINA
PGOODA
AGNDA
AVINA
5
6
7
8
9
10
PVINB
PGOODB
AGNDB
AVINB
CTL0B
15
14
13
12
11
16
17
18
19
20
CTL0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com