Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284PEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC284PEVB
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284PEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC284PEVB Datasheet HTML 8Page - Semtech Corporation SC284PEVB Datasheet HTML 9Page - Semtech Corporation SC284PEVB Datasheet HTML 10Page - Semtech Corporation SC284PEVB Datasheet HTML 11Page - Semtech Corporation SC284PEVB Datasheet HTML 12Page - Semtech Corporation SC284PEVB Datasheet HTML 13Page - Semtech Corporation SC284PEVB Datasheet HTML 14Page - Semtech Corporation SC284PEVB Datasheet HTML 15Page - Semtech Corporation SC284PEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
2
SC284P
Pin Descriptions
Pin #
Pin Name
Pin Function

PVINA
Channel A — Input supply voltage for the converter power stage and internal circuitry.
2
AGNDA
Ground connection for internal circuitry — connect directly to PGNDA.
3
AVINA
Power supply for internal circuitry — must be connected to PVINA using an R-C filter of Ω and 0nF.
4
PGOODA
Power Good indicator for channel A. When the output voltage reaches the PGOODA threshold, this pin will be
open drain (after the PGOOD delay), otherwise it is pulled low internally.
5
CTL0A
Channel A — Control bit 0, see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
6
CTLA
Channel A — Control bit , see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
7
CTL2A
Channel A — Control bit 2, see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
8
VOUTB
Output voltage sense pin of Channel B
9
PGNDB
Channel B — Ground connection for converter power stage and internal circuitry.
0
LXB
Switching node of Channel B — connect an inductor between this pin and the output capacitor.

PVINB
Channel B — Input supply voltage for the converter power stage and internal circuitry.
2
AGNDB
Ground connection for internal circuitry — connect directly to PGNDB.
3
AVINB
Power supply for internal circuitry — must be connected to PVINB using an R-C filter of Ω and 0nF.
4
PGOODB
Power Good indicator for channel B. When the output voltage reaches the PGOODB threshold, this pin will be
open drain (after the PGOOD delay), otherwise it is pulled low internally.
5
CTL0B
Channel B — Control bit 0, see Table  for decoding. This pin has a  MΩ internal pulld-own resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
6
CTLB
Channel B — Control bit  - see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This
resistor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is
in under-voltage lockout.
7
CTL2B
Channel B — Control bit 2, see Table  for decoding. This pin has a  MΩ internal pull-down resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
under-voltage lockout.
8
VOUTA
Output voltage sense pin of Channel A
9
PGNDA
Channel A — Ground connection for converter power stage and internal circuitry.
20
LXA
Switching node of Channel A — connect an inductor between this pin and the output capacitor.
PAD
Thermal pad for heatsinking purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com