Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC573 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC573
Description  300mA Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC573 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC573 Datasheet HTML 5Page - Semtech Corporation SC573 Datasheet HTML 6Page - Semtech Corporation SC573 Datasheet HTML 7Page - Semtech Corporation SC573 Datasheet HTML 8Page - Semtech Corporation SC573 Datasheet HTML 9Page - Semtech Corporation SC573 Datasheet HTML 10Page - Semtech Corporation SC573 Datasheet HTML 11Page - Semtech Corporation SC573 Datasheet HTML 12Page - Semtech Corporation SC573 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SC573
Final Rev 2.1
Typical Characteristics
Start Up Via V
IN (VOUT=3.3V)
Start Up (Enable) (V
OUT=3.3V)
V
IN
2V/div
V
IN
2V/div
V
OUT
1V/div
I
OUT
100mA/div
V
IN = 5V
100us/div
V
OUT
2V/div
EN
2V/div
I
OUT
150mA/div
V
IN = 5V
1ms/div
I
OUT = 300mA
I
OUT = 300mA
Start Up Via V
IN (VOUT=1.8V)
V
IN
2V/div
Start Up (Enable) (V
OUT=1.8V)
V
IN
2V/div
V
OUT
1V/div
I
OUT
100mA/div
V
IN = 5V
I
OUT = 300mA
100us/div
V
OUT
2V/div
EN
2V/div
I
OUT
150mA/div
V
IN = 5V
I
OUT = 300mA
1ms/div
V
IN
2V/div
V
OUT
1V/div
I
OUT
100mA/div
Shutdown (V
OUT=3.3V)
V
IN
2V/div
V
OUT
1V/div
I
OUT
100mA/div
Shutdown (V
OUT=1.8V)
V
IN = 5V
I
OUT = 300mA
2ms/div
V
IN = 5V
I
OUT = 300mA
2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com