Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC573 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC573
Description  300mA Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC573 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC573 Datasheet HTML 8Page - Semtech Corporation SC573 Datasheet HTML 9Page - Semtech Corporation SC573 Datasheet HTML 10Page - Semtech Corporation SC573 Datasheet HTML 11Page - Semtech Corporation SC573 Datasheet HTML 12Page - Semtech Corporation SC573 Datasheet HTML 13Page - Semtech Corporation SC573 Datasheet HTML 14Page - Semtech Corporation SC573 Datasheet HTML 15Page - Semtech Corporation SC573 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SC573
12
Final Rev2.1
Applications Information
General Description
SC573 is a linear regulator with low dropout voltage,
low supply current, and low output noise. The device
provides a simple, low cost solution with minimal PCB
area. It has a miniature package size and needs two 1µF
0402 size external capacitors for its input and output.
The LDO provides up to 300mA output current.
Power On and Off Control and Turn-on Delay
SC573 device has an enable pin (EN) that controls the
LDO output. Pulling the enable pin high will enable the
device when VIN is above its UVLO level at about 2.4V.
Pulling this pin low causes the device to shutdown
where it typically draws 100nA from the input supply.
When the enable pin is connected to the input voltage
supply, the device turn-on and turn-off has two voltage
thresholds to overcome. At the turn-on event, the enable
pin voltage needs to be greater than the enable threshold
and the VIN voltage needs to be higher than the UVLO.
The higher of the two voltages, which is the UVLO,
determines the turn on time. At turn- off, the first
condition of either enable threshold low or the VIN UVLO
will determine the turn-off event.
After the enable goes high, the IC has a delay time before
the output voltage ramps up. The delay is typically
between 120µs to 510µs. The 510µs is related to the lower
VIN condition.
With a 1
μF output capacitor (capacitor part
number: GRM155R61A105kE15) at no load conditions,
the output voltage ramp time is typically at 15µs. The
device has an internal discharge MOSFET to discharge
the output voltage when the enable pin is asserted low;
the typical discharge time is at 2ms. The enable and
disable waveforms are illustrated in Figure 1, and the
Oscilloscope waveform is shown in the Typical
Characteristics.
Figure 1: Timing Diagram
The Output Noise
LDO noise generally is characterized through noise
spectral density (NSD) and total RMS value in the
frequency band between 10Hz to 100kHz. The noise
spectral density can be measured using a network
analyzer with active probes. The RMS noise value is
obtained from the noise spectral density curve by taking
the square root of the area within the frequency range
from 10Hz to 100kHz.
The normalized output noise for SC573 is at a typical
value of 100µVRMS/V. The generalized output voltage
noise can be approximated by: V
RMS=VOUT*100 µV.
Protection Features
SC573 provides protection features to ensure that no
damage is incurred in the event of a fault condition. These
functions include:
• Under-Voltage Lockout
• Over-Temperature Protection
• Short-Circuit Protection with peak and fold-
back current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com