Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC573 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC573
Description  300mA Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC573 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC573 Datasheet HTML 9Page - Semtech Corporation SC573 Datasheet HTML 10Page - Semtech Corporation SC573 Datasheet HTML 11Page - Semtech Corporation SC573 Datasheet HTML 12Page - Semtech Corporation SC573 Datasheet HTML 13Page - Semtech Corporation SC573 Datasheet HTML 14Page - Semtech Corporation SC573 Datasheet HTML 15Page - Semtech Corporation SC573 Datasheet HTML 16Page - Semtech Corporation SC573 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
SC573
16
Final Rev2.1
Land Pattern — SC70-5
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
NOTES:
1.
.033
.106
.039
(.073)
.026
.016
1.00
(1.85)
0.65
0.40
0.85
2.70
X
G
Z
Y
P
(C)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com