Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART9013 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ART9013
Description  1W OUTPUT AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ART9013 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  ART9013 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART9013 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART9013 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART9013 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
TYPICAL CHARACTERICS
0
10
0
20
IB=20μA
8
4
Collector - Emitter Voltage, VCE (V)
18
16
14
12
10
6
2
20
30
40
50
IB=40μA
IB=60μA
IB=80μA
IB=100μA
IB=120μA
IB=140μA
Static Characteristic
1
10
1
1000
5
Collector Current, IC (mA)
500
300
3
10000
Dc Current Gain
VCE=1V
3000
1000
300
100
50
30
5
3
100
50
30
10
1
10
10000
50
Collector Current, IC (mA)
3000
10000
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
IC=10IB
3000
1000
300
100
30
3
1000
500
300
100
30
10
VBE (SAT)
VCE (SAT)
1
10
1000
5
Collector Current, IC (mA)
300
10000
IC=10IB
3000
1000
300
100
30
3
100
50
30
10
3
VCE=6V
500
1
Current Gain-Bandwidth Product
MMBT9013
WWW.ARTSCHIP.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com