Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART9013 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ART9013
Description  1W OUTPUT AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ART9013 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  ART9013 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART9013 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART9013 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART9013 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
1W OUTPUT AMPLIFIER OF
POTABLE RADIOS IN CLASS
B PUSH-PULL OPERATION
FEATURES
*High total Power Dissipation. (625mW)
*High Collector Current. (500mA)
*Excellent hFE linearity.
*Complementary to MMBT9012
ORDERING INFORMATION
SOT−23
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
MMBT9013
ESD Rating − Human Body Model: >4000 V
ESD Rating − Machine Model: >400 V
*
WWW.ARTSCHIP.COM
Device
Package
Shipping†
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT −23
(Pb−Free)
3000 / Tape & Reel
ART9013


Similar Part No. - ART9013

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ART915X050503OP-IC ABRACON-ART915X050503OP-IC Datasheet
413Kb / 3P
2M RANGE UHF RFID ON METAL
09/19/2016
ART915X100202TO-IC ABRACON-ART915X100202TO-IC Datasheet
465Kb / 3P
1.6M RANGE UHF RFID FOR ON METAL
09/19/2016
ART915X100503JA-IC ABRACON-ART915X100503JA-IC Datasheet
487Kb / 3P
RFID FOR ON METAL 6.5M RANGE UHF
09/19/2016
ART915X130930TX13 ABRACON-ART915X130930TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
ART915X130930TX13-IC ABRACON-ART915X130930TX13-IC Datasheet
414Kb / 3P
LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
More results

Similar Description - ART9013

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4816 NSC-LM4816 Datasheet
429Kb / 13P
1W Stereo Audio Amplifier Adjustable Output Limiter
logo
Rohm
BH7884EFV ROHM-BH7884EFV_05 Datasheet
550Kb / 9P
1W1W Stereo Speaker / Headphone Amplifier
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
1W1W Stereo Speaker / Headphone Amplifier
logo
Unisonic Technologies
9012 UTC-9012_15 Datasheet
158Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
9013 UTC-9013_15 Datasheet
116Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
MMBT9012 UTC-MMBT9012_15 Datasheet
179Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
MMBT9013 UTC-MMBT9013_15 Datasheet
153Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
logo
MicroPower Direct, LLC
MPL-01SEUP MPD-MPL-01SEUP Datasheet
1Mb / 4P
1W Output Power
logo
ARTSCHIP ELECTRONICS CO...
MMBT9012 ARTSCHIP-MMBT9012 Datasheet
1Mb / 4P
1W OUTPUT AMPLIFIER
MMBT9015 ARTSCHIP-MMBT9015 Datasheet
1Mb / 4P
1W OUTPUT AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com