Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART9013 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ART9013
Description  1W OUTPUT AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ART9013 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  ART9013 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART9013 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART9013 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. ART9013 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
500
mA
Collector Dissipation
PC
625
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
MMBT9013
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=0.1mA, IE=0
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA, IC=0
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
uA
Collector cut-off current
ICEO
VCE=20V, IB=0
0.1
uA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
uA
hFE(1)
VCE=1V, IC=50mA
120
400
DC current gain
hFE(2)
VCE=1V, IC=500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA, IB=50mA
1.2
V
Base-emitter voltage
VBE
VCB=1V,IC=10mA,
0.7
V
Transition frequency
fT
VCE=6V,IC=20mA, f=30MHz
150
MHz
Collector output capacitance
Cob
VCB=6V, IE=0, f=1MHz
8
pF
CLASSIFICATION OF
hFE(1)
RANK
L
H
J
RANGE
120-200
200-350
300-400
40
20
5
WWW.ARTSCHIP.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com