Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524FEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4524FEVB
Description  18V 2A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524FEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4524FEVB Datasheet HTML 8Page - Semtech Corporation SC4524FEVB Datasheet HTML 9Page - Semtech Corporation SC4524FEVB Datasheet HTML 10Page - Semtech Corporation SC4524FEVB Datasheet HTML 11Page - Semtech Corporation SC4524FEVB Datasheet HTML 12Page - Semtech Corporation SC4524FEVB Datasheet HTML 13Page - Semtech Corporation SC4524FEVB Datasheet HTML 14Page - Semtech Corporation SC4524FEVB Datasheet HTML 15Page - Semtech Corporation SC4524FEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SC4524F
12
Applications Information (Cont.)
voltage to input voltage conversion ratios), it is beneficial
to use freewheeling diodes with somewhat higher
average current ratings (thus lower forward voltages). This
is because the diode conduction interval is much longer
than that of the transistor. Converter efficiency will be
improved if the voltage drop across the diode is lower.
The 20BQ030 (International Rectifier), B320A, B330A
(Diodes Inc.), SS33 (Vishay), CMSH3-20MA and CMSH3-
40MA (Central-Semi.) are all suitable.
The freewheeling diode should be placed close to the SW
pin of the SC4524F on the PCB to minimize ringing due to
trace inductance.
Bootstrapping the Power Transistor
To maximize efficiency, the turn-on voltage across the
internal power NPN transistors should be minimized. If
these transistors are to be driven into saturation, then
their bases will have to be driven from a power supply
higher in voltage than V
IN. The required driver supply volt-
age (at least 2.3V higher than the SW voltage) is gener-
ated with a bootstrap circuit (the diode D
1 and the capaci-
tor C
1 in Figure 6). The bootstrapped output (the common
node between D
1 and C1) is connected to the BST pin of
the SC4524F.
The minimum BST to SW voltage required to fully satu-
rate the power transistor is shown in Figure 5. The mini-
mum required V
C1 increases as temperature decreases.
The bootstrap circuit reaches equilibrium when the base
charge drawn from C
1 during transistor on time is equal to
the charge replenished during the off interval.
Figure 5 — Typical Minimum Bootstrap Voltage
required to Saturate Transistor (I
SW= -2.6A).
Figure 6 summarizes various ways of bootstrapping the
SC4524F. A fast switching PN diode (such as 1N4148 or
1N914) and a small (0.33μF – 0.47μF) ceramic capacitor
can be used for D
1 and C1, respectively.
In Figure 6(a) the power switch is bootstrapped from the
output. This is the most efficient configuration and it also
results in the least voltage stress at the BST pin. The maxi-
mum BST pin voltage is about V
IN + VOUT. The minimum
V
OUT required for this bootstrap configuration is 2.5V. If the
output voltage is between 2.5V and 3V, then use a small
Schottky diode (such as BAT54) for D
1 to maximize the
bootstrap voltage.
The SC4524F can also be bootstrapped from the input
[Figure 6(b)]. This configuration is not as efficient as Figure
6(a). However this may be the only option if the output
voltage is less than 2.5V and there is no other supply with
voltage higher than 2.5V. Voltage stress at the BST pin can
be somewhat higher than 2V
IN.
Figures 6(c) and (d) show how to bootstrap the SC4524F
from a second independent power supply V
S.
The minimum bootstrap capacitance C
1 can be estimated
as:
where V
S is the voltage applied to the anode of D1.
The inductor current charges the bootstrap capacitor
when it pulls the SW node low during the switch off time.
If D
1 is connected to the converter input, then C1 will be
charged as soon as V
IN is applied.
If the bootstrap diode is tied to the converter output [Fig
ures 6(a)], then C
1 can only be charged from the regulator
output through the inductor. Before the converter starts,
there is no output voltage or inductor current. Hence it
is necessary for the regulator to deliver some inductor
current to the output before C
1 can be charged. If VIN is
not much higher than the programmed V
OUT and it ramps
up very slowly, then the inductor current will not be high
enough for the bootstrap circuit to run, especially at light
loads. In order to have some inductor current to charge C
1,
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50
-25
0
25
50
75
100 125
Temperature (o C)
ISW = -2.6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com