Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524FEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4524FEVB
Description  18V 2A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524FEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4524FEVB Datasheet HTML 14Page - Semtech Corporation SC4524FEVB Datasheet HTML 15Page - Semtech Corporation SC4524FEVB Datasheet HTML 16Page - Semtech Corporation SC4524FEVB Datasheet HTML 17Page - Semtech Corporation SC4524FEVB Datasheet HTML 18Page - Semtech Corporation SC4524FEVB Datasheet HTML 19Page - Semtech Corporation SC4524FEVB Datasheet HTML 20Page - Semtech Corporation SC4524FEVB Datasheet HTML 21Page - Semtech Corporation SC4524FEVB Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
SC4524F
18
Recommended Component Parameters in Typical Applications
Table 5 lists the recommended inductance (L
1) and compensation network (R7, C5, C8) for common input and output
voltages. The inductance is determined by assuming that the ripple current is 35% of load current I
O. The compensator
parameters are calculated by assuming a 22mF low ESR ceramic output capacitor and a loop gain crossover frequency
of F
SW/10.
Table 5. Recommended inductance (L
1) and compensator (R7, C5, C8)
Typical Applications
Recommended Parameters
Vin (V)
Vo (V)
Io (A)
Fsw (KHz)
C2 (uF)
L1 (uH)
R7 (K)
C5 (nF)
C8 (pF)
500
6.8
4.02
3.3
1000
3.3
7.5
0.82
500
3.3
4.02
3.3
1000
1.5
7.5
0.82
500
4.7
13.3
0.82
1000
2.2
21.5
0.68
500
2.2
11
0.82
1000
1.5
21.5
0.68
500
6.8
4.02
3.3
1000
3.3
7.68
0.82
500
3.3
4.02
3.3
1000
2.2
7.68
0.82
500
8.2
6.81
2.2
1000
4.7
14.3
0.68
500
4.7
6.81
1.5
1000
2.2
12.1
0.68
500
6.8
9.09
1
1000
3.3
16.2
0.68
500
3.3
9.09
1
1000
2.2
17.8
0.68
1
500
8.2
4.32
3.3
2
500
4.7
4.32
3.3
22
500
15
6.81
1.5
22
1000
6.8
12.1
0.82
10
500
6.8
6.81
1.5
22
1000
3.3
12.1
0.68
10
500
15
9.09
1
22
1000
8.2
18.7
0.68
10
500
8.2
9.09
1
22
1000
4.7
18.7
0.68
500
15
14.3
0.82
1000
10
24.9
0.68
500
8.2
14.3
0.82
1000
4.7
27.4
0.68
500
15
21.5
0.82
1000
8.2
38.3
0.68
500
8.2
21.5
0.82
1000
4.7
38.3
0.68
500
10
25.5
0.82
1000
4.7
51.1
0.68
500
4.7
25.5
0.82
1000
2.2
51.1
0.68
10
3.3
5
12
1.5
2.5
1.5
2.5
3.3
1.5
2.5
3.3
5
7.5
10
1
2
1
1
2
1
1
1
1
2
2
2
2
2
2
22
10
1
1
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com