Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524FEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4524FEVB
Description  18V 2A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524FEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4524FEVB Datasheet HTML 12Page - Semtech Corporation SC4524FEVB Datasheet HTML 13Page - Semtech Corporation SC4524FEVB Datasheet HTML 14Page - Semtech Corporation SC4524FEVB Datasheet HTML 15Page - Semtech Corporation SC4524FEVB Datasheet HTML 16Page - Semtech Corporation SC4524FEVB Datasheet HTML 17Page - Semtech Corporation SC4524FEVB Datasheet HTML 18Page - Semtech Corporation SC4524FEVB Datasheet HTML 19Page - Semtech Corporation SC4524FEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SC4524F
16
10% and 20% of the switching frequency. At F
C, find the
required compensator gain, A
C. In typical applications with
ceramic output capacitors, the ESR zero is neglected and
the required compensator gain at F
C can be estimated by


x
π
x
x
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
(3) Place the compensator zero, F
Z1, between 10% and
20% of the crossover frequency, F
C.
(4) Use the compensator pole, F
P1, to cancel the ESR zero,
F
Z.
(5) Then, the parameters of the compensation network
can be calculated by
where g
m=0.3mA/V is the EA gain of the SC4524F.
Example: Determine the voltage compensator for an
800kHz, 12V to 3.3V/2A converter with 22uF ceramic
output capacitor.
Choose a loop gain crossover frequency of 80kHz, and
place voltage compensator zero and pole at F
Z1=16kHz
(20% of F
C), and FP1=600kHz. From the equation in step (2),
the required compensator gain at F
C is
dB
4
.
11
3
.
3
0
.
1
10
22
10
80
2
1
10
5
.
5
18.5
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
Then the compensator parameters are
Select R
7=12.4k, C5=1nF, and C8=22pF for the design.
Compensator parameters for various typical applications
are listed in Table 5.
Thermal Considerations
For the power transistor inside the SC4524F, the
conduction loss P
C, the switching loss PSW, and bootstrap
circuit loss P
BST, can be estimated as follows:
O
CESAT
C
I
V
D
P
×
×
=
SW
O
IN
S
SW
F
I
V
t
2
1
P
×
×
×
×
=
40
I
V
D
P
O
BST
BST
×
×
=
whereV
BST is the BST supply voltage and tS is the equivalent
switching time of the NPN transistor (see Table 4).
Table 4. Typical switching time
Input
Voltage
Load Current
1A
2A
12V
12.5ns
15.3ns
In addition, the quiescent current loss is
2mA
V
P
IN
Q
×
=
The total power loss of the SC4524F is therefore
Q
BST
SW
C
TOTAL
P
P
P
P
P
=
+
+
=
The temperature rise of the SC4524F is the product of the
total power dissipation (see previous equation) and q
JA
(36oC/W), which is the thermal impedance from junction
to ambient for the SOIC-8 EDP package.
It is not recommended to operate the SC4524F above
125oC junction temperature. In the applications with high
input voltage and high output current, the switching
frequency may need to be reduced to meet the thermal
requirement.
Applications Information (Cont.)
m
7
g
10
R
20
C
A
=
7
Z1
5
R
F
π
2
1
C =
7
P1
8
R
F
π
2
1
C =
12.4k
10
3
0.
10
R
3
7
20
11.4
=
×
=
−
nF
8
.
0
10
4
.
12
10
16
2π
1
C
3
3
5
=
×
×
×
×
=
21pF
10
4
.
12
10
600
π
2
1
C
3
3
8
=
×
×
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com