Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4810C Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4810C
Description  High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4810C Datasheet(HTML) 1 Page - Semtech Corporation

  SC4810C Datasheet HTML 1Page - Semtech Corporation SC4810C Datasheet HTML 2Page - Semtech Corporation SC4810C Datasheet HTML 3Page - Semtech Corporation SC4810C Datasheet HTML 4Page - Semtech Corporation SC4810C Datasheet HTML 5Page - Semtech Corporation SC4810C Datasheet HTML 6Page - Semtech Corporation SC4810C Datasheet HTML 7Page - Semtech Corporation SC4810C Datasheet HTML 8Page - Semtech Corporation SC4810C Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
www.semtech.com
SC4810A/B/C/D/E
High Performance Current Mode PWM Controller
with Complementary Output, Programmable Delay
POWER MANAGEMENT
Revision: May 5, 2004
Description
Features
Applications
Typical Application Circuit
Operation to 1MHz
Accurate programmable maximum duty cycle
Line voltage monitoring
External frequency synchronization
Bi-phase mode of operation for low ripple
Independent programmable delays
Hiccup mode current limit
Under 250µA start-up current
Programmable maximum volt-second clamp
Accessible reference voltage
VDD undervoltage lockout
-40°C to 105°C operating temperature
16 lead TSSOP or MLPQ package
The SC4810A/B/C/D/E is a 16 pin BICMOS primary side
PWM controller for use in Isolated DC-DC and off-line
switching power supplies. It is a highly integrated solution,
requiring few external components. It features a high
frequency of operation, accurately programmable
maximum duty cycle, current mode control, line voltage
monitoring, supply UVLO, low start-up current, and
programmable soft start with user accessible reference.
It operates in a fixed frequency, highly desirable for
Telecom applications. The output for switch is
complementary to each other with programmable delay
between each transition. The active technique allows
single ended converters beyond 50% duty cycle and
greater flux swing for the power transformer while
reducing voltage stresses on the switches. The separate
sync pin simplifies synchronization to an external clock.
Feeding the oscillator of one device to the sync of another
forces biphase operation which reduces input ripple and
filter size.
The SC4810A/D has a turn-on threshold of 4.5V, the
SC4810B/E has a turn-on voltage threshold of 7V, and
the SC4810C has a turn-on threshold of less than 12
volts. In the SC4810A/B/C, OUT2 is inverted to drive
the N-MOSFET. In the SC4810D/E, OUT2 is non-inverted
to drive the P-MOSFET. These devices are available in a
TSSOP-16 or MLPQ-16 lead package.
Telecom equipment and power supplies
Networking power supplies
Power over LAN applications
Industrial power supplies
Isolated power supplies
VoIP phones
Vout
R19
C3
C4
C5
+48V
R5
R2
U3
1
2
6
5
U4
SC431L
C10
D3
R17
L1
C13
D2
C16
R1
U1
SC1302A
2
7
4
5
C15
R10
R21
R18
R3
U2
SC4810
RCT
4
FB
11
SY NC
3
CS
10
OUT1
15
DMAX
5
SS
9
DELAY 1
7
RAMP
6
VREF
16
OUT2
13
DELAY 2
8
R20
Q4
T1
C12
R15
R16
C9
R12
R13
R6
C8
D4
D1
R8
C1
C11
R11
R23
R9
C14
C2
R14
R22
Q1
D5
T2
R4
C6
C7
R7
Q3
Q2


Similar Part No. - SC4810C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4810B SEMTECH-SC4810B Datasheet
362Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810BIMLTRT SEMTECH-SC4810BIMLTRT Datasheet
362Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810BIMLTRT SEMTECH-SC4810BIMLTRT Datasheet
366Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810BITSTRT SEMTECH-SC4810BITSTRT Datasheet
362Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810BITSTRT SEMTECH-SC4810BITSTRT Datasheet
366Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
More results

Similar Description - SC4810C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Semtech Corporation
SC4810B SEMTECH-SC4810B Datasheet
362Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
SC4810B SEMTECH-SC4810B_16 Datasheet
366Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com