Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3519 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3519 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3519 Datasheet HTML 1Page - National Semiconductor (TI) LM3519 Datasheet HTML 2Page - National Semiconductor (TI) LM3519 Datasheet HTML 3Page - National Semiconductor (TI) LM3519 Datasheet HTML 4Page - National Semiconductor (TI) LM3519 Datasheet HTML 5Page - National Semiconductor (TI) LM3519 Datasheet HTML 6Page - National Semiconductor (TI) LM3519 Datasheet HTML 7Page - National Semiconductor (TI) LM3519 Datasheet HTML 8Page - National Semiconductor (TI) LM3519 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
6-Lead SOT23 Package
20160202
Top View
Pin Descriptions
Pin #
Name
Description
1
En
Device Enable Connection
2
Gnd
Ground Connection
3V
OUT
Output Voltage Connection
4
LED_rtn
White LED Current Sensing Input Connection
5S
W
Drain Connection of the Internal Power Field Effect Transistor (FET) Switch
6V
IN
Input or Supply Voltage Connection
Ordering Information
Current
Option
Order Number
Package
Marking
Supplied As
20 mA
LM3519MK-20
D52B
1000 Units, Tape-and-Reel
LM3519MKX-20
D52B
3000 Units, Tape-and-Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com