Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3519 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3519 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3519 Datasheet HTML 1Page - National Semiconductor (TI) LM3519 Datasheet HTML 2Page - National Semiconductor (TI) LM3519 Datasheet HTML 3Page - National Semiconductor (TI) LM3519 Datasheet HTML 4Page - National Semiconductor (TI) LM3519 Datasheet HTML 5Page - National Semiconductor (TI) LM3519 Datasheet HTML 6Page - National Semiconductor (TI) LM3519 Datasheet HTML 7Page - National Semiconductor (TI) LM3519 Datasheet HTML 8Page - National Semiconductor (TI) LM3519 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Circuit Description
The LM3519 is a step-up converter for white LED applica-
tions that uses a unique and proprietary pulse frequency
modulation (PFM) architecture to optimize high efficiency at
high frequency operation. Unlike most PFM architecture
implementations, the LM3519’s unique architectural imple-
mentation results in non-pulse skipping variable frequency
operation. The regulator is forced to operate at the edge of
Continous Conduction Mode (CCM). The error amplifier will
set the end of the on-time (I
PEAK of inductor) based on the
load (LEDs) current. During this operation, the inductor cur-
rent ramps up and reaches a peak current at end of the
on-time. At this point, the internal power switch is turned off
until the inductor current reaches zero, and the cycle repeats
again. The switching frequency is set based on the charge
(on-time) and discharge(off-time) of the inductor current. The
frequency can range between 2MHz to 8MHz over the op-
erating input range.
The LM3519 operation can be best understood through an
examination of the block diagram in Figure 2. When LED
current is out of regulation, the LED_rtn voltage falls below
or rises above the internal reference voltage (VREF). The
error amplifier will output a signal to increase or decrease the
proper on-time duration of N1 power FET. This correction
allows the inductor’s stored energy to increase or decrease
to a sufficient level that when transferred to the load will bring
the LED_rtn current back into regulation.
During steady-state operation for a typical switching cycle,
the oscillator sets the driver logic and turns on N1 power
device. N1 conducts current through the inductor and re-
verse biases the external diode. The LED current is supplied
by the output capacitor when N1 is conducting. Once N1
on-time period is concluded, the internal power device is
turned off and the external diode is forward baised. The
inductor current then flows through the diode to the LED load
to replenish the output capacitor and keep the LED current
regulated at the trimmed target.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com