Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3519 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3519 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3519 Datasheet HTML 1Page - National Semiconductor (TI) LM3519 Datasheet HTML 2Page - National Semiconductor (TI) LM3519 Datasheet HTML 3Page - National Semiconductor (TI) LM3519 Datasheet HTML 4Page - National Semiconductor (TI) LM3519 Datasheet HTML 5Page - National Semiconductor (TI) LM3519 Datasheet HTML 6Page - National Semiconductor (TI) LM3519 Datasheet HTML 7Page - National Semiconductor (TI) LM3519 Datasheet HTML 8Page - National Semiconductor (TI) LM3519 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN , En, & LED_rtn Pin
−0.3V to +6.5V
V
OUT , Sw Pin
−0.3V to +21V
Maximum Junction Temperature
(T
J-MAX)
+150˚C
Storage Temperature Range
−65˚C to +150˚C
ESD Rating (Note 2)
Human Body Model:
Machine Model:
2kV
200V
Operating Ratings
Junction Temperature (T
J) Range
−40˚C to +125˚C
Ambient Temperature (T
A) Range
−40˚C to +85˚C
Input Voltage Range
2.7V to 5.5V
Thermal Properties (Note 4)
Junction-to-Ambient Thermal Resistance (
θ
JA)
220˚C/W
Electrical Characteristics (Note 5) Limits in standard typeface are for T
J = +25˚C. Limits in bold typeface
apply over the full operating junction temperature range (−40˚C
≤ T
J
≤ +125˚C). V
IN = 3.6V, unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
Q
Supply Current
Shutdown: V
EN = 0V
0.1
µA
Not Switching: V
EN = 1.8V
360
500
Switching: V
EN = 1.8V,
LED_rtn current = 30mA
550
900
I
LED(TOL)
LED Current
Tolerance/Variation
V
IN = 3.6V, 2.2µH,
4LEDs
–10
5.5
10
%
OVP
Over-Voltage Protection
Threshold
OVP ON
OVP OFF
18
17.8
18.9
18.6
20
19.8
V
I
LIM
Switch Current Limit
L = 2.2µH
750
mA
R
DS(ON)
Power NMOS Switch ON
Resistance
455
m
Ω
I
LEAKAGE
Switch Leakage
V
SW = 3.6V, VEN = 0V
0.1
2
µA
R
LED_rtn(ON)
LED_rtn NMOS Switch
ON Resistance
8.0
Ω
F
S
Switching Frequency
I
LED =20mA,L=1µH
4LEDs
5.4
MHz
I
EN
Enable Pin Bias Current
(Note 3)
V
EN =0V
V
EN = 1.8V
0.1
1.1
2
µA
En
Enable Threshold
Device On
Device Off
0.9
0.3
V
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is guaranteed. Operating Ratings do not imply guaranteed limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics table.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly
into each pin.
Note 3: Current flows into the pin.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA,
and the ambient temperature, TA. See Thermal Properties for the thermal resistance. The maximum allowable power dissipation at any ambient temperature is
calculated using: PD(MAX) = (TJ(MAX) – TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature.
Note 5: Min and max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com