Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTR Datasheet(PDF) 2 Page - Vatronics Technologies Limited

Part # VTR
Description  Radial Tantalum Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VTR Datasheet(HTML) 2 Page - Vatronics Technologies Limited

  VTR Datasheet HTML 1Page - Vatronics Technologies Limited VTR Datasheet HTML 2Page - Vatronics Technologies Limited VTR Datasheet HTML 3Page - Vatronics Technologies Limited VTR Datasheet HTML 4Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
tantalum Capacitors,tantalum capacitor,capacitor, capacitors,dipped tantalum capacitors,radial tantalum capacitors
Dimensions-Millimeters
Case Sizes
D•max•
H•max•
H•±0.5mm•
d•±0.5mm•
A
4.5
7.0
2.5
0.5
B
5.0
8.0
2.5
0.5
C
5.5
9.5
2.5
0.5
D
6.5
11.0
2.5
0.5
E
8.5
13.0
5.0
0.5
F
9.5
16.5
5.0
0.5
Temperature Characteristics
Capacitance
(uF)
Cap Change•
%•
DF Max.•
%•
DCL Max.•
uA•
-55C
+85C
+125C
-55C
+20C
+85C
+125C
+20C
+85C
+125C
≤1.0
±10
±15
±25
6
4
6
6
or
Io
≤0.01CRVR0.5uA(whichever
is greater)
10Io
12.5Io
1.5-6.8
8
6
8
8
10-68
10
8
10
10
100-680
12
10
12
12
Packaging information
B•Bulk pack
A•Ammo pack
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/VTR.htm (2 / 4) [2003-12-20 11:43:51]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com