Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTR Datasheet(PDF) 4 Page - Vatronics Technologies Limited

Part # VTR
Description  Radial Tantalum Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VTR Datasheet(HTML) 4 Page - Vatronics Technologies Limited

  VTR Datasheet HTML 1Page - Vatronics Technologies Limited VTR Datasheet HTML 2Page - Vatronics Technologies Limited VTR Datasheet HTML 3Page - Vatronics Technologies Limited VTR Datasheet HTML 4Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
tantalum Capacitors,tantalum capacitor,capacitor, capacitors,dipped tantalum capacitors,radial tantalum capacitors
Typical Characteristic Curve
How to order
VTR 105 M 035 01 B
(1) (2) (3) (4) (5) (6)
(1)Product Type:
Radial Tantalum Capacitors
(2)Capacitance:
105=10*105 =1000000pF
226=22*106 =22000000pF
(3)Tolerance:
M=±20%
K=±10%
J=±5%
(4)Working Voltage
035=35VDC
016=16VDC
(5)Lead Space:
01=2.54mm
02=5.08mm
(6)Packing:
B=Bulk
A=AMMO
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/VTR.htm (4 / 4) [2003-12-20 11:43:51]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com