Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTR Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VTR
Description  Radial Tantalum Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VTR Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VTR Datasheet HTML 1Page - Vatronics Technologies Limited VTR Datasheet HTML 2Page - Vatronics Technologies Limited VTR Datasheet HTML 3Page - Vatronics Technologies Limited VTR Datasheet HTML 4Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
tantalum Capacitors,tantalum capacitor,capacitor, capacitors,dipped tantalum capacitors,radial tantalum capacitors
•
VTR Series Radial Tantalum Capacitors
Small units with high stable performance, low current leakage and dissipation factor, stable frequency
and temperature and long life, suitable for electronic communication, computer and military and so on.
Operating temperature -55-125C, •85C With derating voltage. Capacitance range:0.047uF-680uF, DC
Leakage Current(20C) Io≤0.01CRUR or 0.5uA( Whichever is bigger), Life test: 1000hours
Rated Voltage, Nominal Capacitance and Case Sizes
Rated Voltage•V•
3
4
6•3
10
16
20
25
35
50
voltage Derating
•V•
2
2•5
4
6•3
10
13
16
20
32
Surge Voltage•V•
4
5•2
8
13
20
26
33
46
65
Capacitance•uF•
Case size
0.047
A
A
0.068
A
A
0.1
A
A
0.15
A
A
0.22
A
A
0.33
A
A
0.47
A
A
0.68
A
A
1
A
A
A
A
B
1.5
A
A
A
A
C
2.2
A
A
A
A
B
C
3.3
A
A
A
B
B
B
D
4.7
A
A
A
A
B
B
B
C
D
6.8
A
A
A
B
B
C
C
D
E
10
A
A
B
B
B
C
C
D
E
15
A
A
B
C
C
D
D
E
F
22
B
B
C
C
C
D
D
E
F
33
B
B
C
D
D
E
E
F
47
C
C
D
D
D
E
E
F
68
D
D
D
D
E
F
F
100
D
D
E
E
E
F
F
150
D
E
E
E
F
220
E
E
E
F
330
E
F
F
470
F
680
F
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/VTR.htm (1 / 4) [2003-12-20 11:43:51]


Similar Part No. - VTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VTR16D1 ETC-VTR16D1 Datasheet
31Kb / 2P
Reflective Optoswitch
VTR16D1H ETC2-VTR16D1H Datasheet
3Mb / 44P
Photon detection for tomorrows cutting-edge applications.
logo
Vishay Siliconix
VTRD10 VISHAY-VTRD10 Datasheet
234Kb / 3P
Remote Weight Display
05-Dec-07
logo
Mini-Circuits
VTRIG-74 MINI-VTRIG-74 Datasheet
1Mb / 6P
mmWave Evaluation Kit
More results

Similar Description - VTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
Resin-Molded, Radial-Lead Solid Tantalum Capacitors
26-Mar-02
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
Dipped, Radial Leaded, Solid Tantalum Capacitors
TIM226006P0X CDE-TIM226006P0X Datasheet
196Kb / 4P
Molded, Radial Lead, Solid Tantalum Capacitors
logo
Vishay Siliconix
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
Resin-Coated, Radial-Lead Tantalum Capacitors
12-Jun-06
logo
MERITEK ELECTRONICS COR...
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
Radial Leaded Tantalum Capacitors
logo
Vishay Siliconix
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
Resin-Coated, Radial-Lead Solid Tantalum Capacitors
12-Jun-06
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
Radial Leaded Tantalum Capacitors
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
Tantalum Through-Hole Capacitors ??Radial Dipped
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com