Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW33201CSR Datasheet(PDF) 1 Page - Shanghai awinic technology co.,ltd

Part # AW33201CSR
Description  Over-Voltage Protection Load Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33201CSR Datasheet(HTML) 1 Page - Shanghai awinic technology co.,ltd

  AW33201CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AW33201/AW33205/AW33209
Jan 2018 V1.3
www.awinic.com.cn
1
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Over-Voltage Protection Load Switch
FEATURES
Integrated low Rdson nFET switch: typical 30m
4.5A continuous current capability
Over-Voltage Protection (OVP) threshold
AW33201: 6.2V
AW33205: 6.8V
AW33209: 10.5V
Input maximum voltage rating: 32VDC
Fast turn-off response: typical 100ns
Over-Temperature Protection (OTP)
Under-Voltage Lockout (UVLO)
1.245mm × 1.245mm WLCSP-9 package
APPLICATIONS
Smartphones
Tablets
Charging Ports
GENERAL DESCRIPTION
The AW332XX features an ultra-low 30m
 (typ.)
Rdson nFET load switch. When input voltage
exceeds the OVP threshold, the switch is turned off
very fast to prevent damage to the protected
downstream devices. The IN pin is capable of
withstanding fault voltages up to 32VDC.
The
OVP
threshold
is
6.2V(AW33201),
6.8V(AW33205), 10.5V(AW33209).
This device features over-temperature protection
that prevents itself from thermal damaging.
The AW332XX is available in a RoHS compliant 9-
bump 1.245mm × 1.245mm WLCSP.
TYPICAL APPLICATION CIRCUIT
OUT
IN
GND
CIN
0.1µF
50V
COUT
1µF
PMIC
Battery
USB
Port
AW33201
AW33205
AW33209
Charger
TVS
Figure 1 AW332XX typical application circuit
All the trademarks mentioned in the document are the property of their owners.


Similar Part No. - AW33201CSR

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AW330KE OHMITE-AW330KE Datasheet
255Kb / 2P
High Surge Energy
AW330ME OHMITE-AW330ME Datasheet
255Kb / 2P
High Surge Energy
AW331KE OHMITE-AW331KE Datasheet
255Kb / 2P
High Surge Energy
AW331ME OHMITE-AW331ME Datasheet
255Kb / 2P
High Surge Energy
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
More results

Similar Description - AW33201CSR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
Over-Voltage Protection Load Switch
WS3210C62 WILLSEMI-WS3210C62 Datasheet
764Kb / 8P
Over-Voltage Protection Load Switch
WS3210C68 WILLSEMI-WS3210C68 Datasheet
732Kb / 8P
Over-Voltage Protection Load Switch
WS3213 WILLSEMI-WS3213 Datasheet
413Kb / 9P
Over-Voltage Protection Load Switch
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
Over-Voltage Protection Load Switch
logo
ETA SOLUTIONS CO. LIMIT...
ETA6121 ETA-ETA6121 Datasheet
291Kb / 1P
Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com