Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW33201CSR Datasheet(PDF) 15 Page - Shanghai awinic technology co.,ltd

Part # AW33201CSR
Description  Over-Voltage Protection Load Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33201CSR Datasheet(HTML) 15 Page - Shanghai awinic technology co.,ltd

Back Button AW33201CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AW33201/AW33205/AW33209
Jan 2018 V1.3
www.awinic.com.cn
15
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
REFLOW
Figure 16 Package Reflow Oven Thermal Profile
Reflow Note
Spec
Average ramp-up rate (217°C to Peak)
Max. 3°C /sec
Time of Preheat temp.(from 150°C to 200°C)
60-120sec
Time to be maintained above 217°C
60-150sec
Peak Temperature
>260°C
Time within 5°C of actual peak temp
20-40 sec
Ramp-down rate
Max. 6°C /sec
Time from 25°C to peak temp
Max. 8min
NOTE 1: All data are compared with the package-top temperature, measured on the package surface;
NOTE 2: AW332XX adopted the Pb-Free assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com