Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW33201CSR Datasheet(PDF) 2 Page - Shanghai awinic technology co.,ltd

Part # AW33201CSR
Description  Over-Voltage Protection Load Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33201CSR Datasheet(HTML) 2 Page - Shanghai awinic technology co.,ltd

  AW33201CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AW33201/AW33205/AW33209
Jan 2018 V1.3
www.awinic.com.cn
2
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
DEVICE COMPARISON TABLE
Device
VIN_OVLO(V)
VIN_OVLO
Hysteresis(mV)
Condition
Min.
Typ.
Max.
AW33201
VIN rising
6.0
6.2
6.4
110
AW33205
VIN rising
6.66
6.80
6.94
150
AW33209
VIN rising
10.2
10.5
10.8
220
PIN CONFIGURATION AND TOP MARK
C
B
A
1
2
3
OUT
OUT
GND
OUT
IN
GND
IN
IN
GND
Pin Configuration
(Top View)
32XX
– AW33201/AW33205/AW33209
YYYY
– Production tracking code
MARKING
(Top View)
Figure 2 Pin Configuration and Top Mark
PIN DEFINITION
Pin
Name
Description
B2,C1,C2
IN
Switch input and device power supply
A3,B3,C3
GND
Device ground
A1,A2,B1
OUT
Switch output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com