Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS772 Datasheet(PDF) 36 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 36 Page - Allegro MicroSystems

Back Button ACS772 Datasheet HTML 32Page - Allegro MicroSystems ACS772 Datasheet HTML 33Page - Allegro MicroSystems ACS772 Datasheet HTML 34Page - Allegro MicroSystems ACS772 Datasheet HTML 35Page - Allegro MicroSystems ACS772 Datasheet HTML 36Page - Allegro MicroSystems ACS772 Datasheet HTML 37Page - Allegro MicroSystems ACS772 Datasheet HTML 38Page - Allegro MicroSystems ACS772 Datasheet HTML 39Page - Allegro MicroSystems ACS772 Datasheet HTML 40Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
ACS772
36
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Chopper Stabilization Technique
Amp
Regulator
Clock/Logic
Hall Element
Tuned
Filter
Anti-Aliasing
LP Filter
Figure 8: Concept of Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed across
the Hall element. This voltage is disproportionally small relative to
the offset that can be produced at the output of the Hall sensor IC.
This makes it difficult to process the signal while maintaining an
accurate, reliable output over the specified operating temperature
and voltage ranges.
Chopper stabilization is a unique approach used to minimize
Hall offset on the chip. Allegro employs a technique to remove
key sources of the output drift induced by thermal and mechani-
cal stresses. This offset reduction technique is based on a signal
modulation-demodulation process. The undesired offset signal is
separated from the magnetic field-induced signal in the frequency
domain, through modulation. The subsequent demodulation acts
as a modulation process for the offset, causing the magnetic field-
induced signal to recover its original spectrum at baseband, while
the DC offset becomes a high-frequency signal. The magnetic-
sourced signal then can pass through a low-pass filter, while the
modulated DC offset is suppressed.
In addition to the removal of the thermal and stress related offset,
this novel technique also reduces the amount of thermal noise
in the Hall sensor IC while completely removing the modulated
residue resulting from the chopper operation. The chopper sta-
bilization technique uses a high-frequency sampling clock. For
demodulation process, a sample-and-hold technique is used. This
high-frequency operation allows a greater sampling rate, which
results in higher accuracy and faster signal-processing capability.
This approach desensitizes the chip to the effects of thermal and
mechanical stresses, and produces devices that have extremely
stable quiescent Hall output voltages and precise recoverabil-
ity after temperature cycling. This technique is made possible
through the use of a BiCMOS process, which allows the use of
low-offset, low-noise amplifiers in combination with high-density
logic integration and sample-and-hold circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com