Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS772 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ACS772 Datasheet HTML 17Page - Allegro MicroSystems ACS772 Datasheet HTML 18Page - Allegro MicroSystems ACS772 Datasheet HTML 19Page - Allegro MicroSystems ACS772 Datasheet HTML 20Page - Allegro MicroSystems ACS772 Datasheet HTML 21Page - Allegro MicroSystems ACS772 Datasheet HTML 22Page - Allegro MicroSystems ACS772 Datasheet HTML 23Page - Allegro MicroSystems ACS772 Datasheet HTML 24Page - Allegro MicroSystems ACS772 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
ACS772
21
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
CHARACTERISTIC PERFORMANCE DATA
ACS772LCB-100B-PFF-T
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
125
150
Ta(
℃)
Electrical Offset Voltage versus Ambient Temperature
19.6
19.7
19.8
19.9
20
20.1
20.2
20.3
20.4
20.5
-50
-25
0
25
50
75
100
125
150
Ta(
℃)
Sensitivity versus Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100
125
150
Ta(
℃)
Nonlinearity versus Ambient Temperature
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
Ta(
℃)
Total Output Error versus Ambient Temperature
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
Ta(
℃)
Magnetic Offset Error versus Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com