Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS772 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ACS772 Datasheet HTML 9Page - Allegro MicroSystems ACS772 Datasheet HTML 10Page - Allegro MicroSystems ACS772 Datasheet HTML 11Page - Allegro MicroSystems ACS772 Datasheet HTML 12Page - Allegro MicroSystems ACS772 Datasheet HTML 13Page - Allegro MicroSystems ACS772 Datasheet HTML 14Page - Allegro MicroSystems ACS772 Datasheet HTML 15Page - Allegro MicroSystems ACS772 Datasheet HTML 16Page - Allegro MicroSystems ACS772 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
ACS772
13
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
X200B PERFORMANCE CHARACTERISTICS: TA = –40°C to 150°C [1], VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [2]
Max.
Unit
NOMINAL PERFORMANCE
Current Sensing Range
IPR
–200
–
200
A
Sensitivity
Sens
IPR(min) < IP < IPR(max)
–
10 ×
VCC / 5
–
mV/A
Zero Current Output Voltage
VIOUT(Q)
Bidirectional; IP = 0 A
–
VCC / 2
–
V
ACCURACY PERFORMANCE
Noise
VN
TA = 25°C, CL = 1 nF
–
5.1
–
mVp-p
TA = 25°C, CL = 1 nF
–
0.85
–
mVRMS
Sensitivity Error
ESens
Full scale of IP, TA = 25°C
–1
±0.5
1
%
Full scale of IP, TA = 25°C to 150°C
–1.25
±0.7
1.25
%
Full scale of IP, TA = –40°C to 25°C
–3.5
±1.5
3.5
%
Electrical Offset Error
VOE(TA)
IP = 0 A, TA = 25°C
–8
±4
8
mV
VOE(TA)HT
IP = 0 A, TA = 25°C to 150°C
–8
±4
8
mV
VOE(TA)LT
IP = 0 A, TA = –40°C to 25°C
–20
±6
20
mV
Magnetic Offset Error
IERROM
IP = 0 A, TA = 25°C, after excursion of IPR(max)
–
380
400
mA
Total Output Error
ETOT(HT)
Full scale of IP, TA = 25°C to 150°C
–1.5
±0.7
1.5
%
ETOT(LT)
Full scale of IP, TA = –40°C to 25°C
–3.5
±1.5
3.5
%
LIFETIME ACCURACY CHARACTERISTICS [3]
Sensitivity Error Including Lifetime
ESens(LIFE)(HT) TA = 25°C to 150°C
–2.1
±1.6
2.1
%
ESens(LIFE)(LT) TA = –40°C to 25°C
–3.5
±2.5
3.5
%
Total Output Error Including Lifetime
ETOT(LIFE)(HT) TA = 25°C to 150°C
–2.1
±1.7
2.1
%
ETOT(LIFE)(LT) TA = –40°C to 25°C
–3.5
±2.6
3.5
%
Electric Offset Error Including Lifetime
EOFF(LIFE)(HT) TA = 25°C to 150°C
–10
±7
10
mV
EOFF(LIFE)(LT) TA = –40°C to 25°C
–20
±8.9
20
mV
[1]
All ACS772 devices are production tested and guaranteed to TA = 150°C, provided the Maximum Junction Temperature, TJ(MAX), is not exceeded. See Absolute Maximum
Ratings and Thermal Application section of this datasheet for more information.
[2]
Typical values are ±3 sigma values.
[3]
Min/max limits are derived from AEC-Q100 Grade 1 testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com