Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS699LSN Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS699LSN
Description  Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS699LSN Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS699LSN Datasheet HTML 1Page - Allegro MicroSystems ATS699LSN Datasheet HTML 2Page - Allegro MicroSystems ATS699LSN Datasheet HTML 3Page - Allegro MicroSystems ATS699LSN Datasheet HTML 4Page - Allegro MicroSystems ATS699LSN Datasheet HTML 5Page - Allegro MicroSystems ATS699LSN Datasheet HTML 6Page - Allegro MicroSystems ATS699LSN Datasheet HTML 7Page - Allegro MicroSystems ATS699LSN Datasheet HTML 8Page - Allegro MicroSystems ATS699LSN Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Two-Wire, Differential, Vibration-Resistant Sensor
with Speed and Direction Output
ATS699LSN
4
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
ELECTRICAL CHARACTERISTICS
Supply Voltage[2]
VCC
Operating, TJ < TJ(max)
4
–
24
V
Undervoltage Lockout
VCC(UV)
VCC 0 → 5 V or 5 → 0 V
–
3.6
3.95
V
Reverse Supply Current
IRCC
VCC = VRCC (MAX)
–
–
–10
mA[3]
Supply Zener Clamp Voltage
VZSUPPLY ICC = ICC(HIGH) + 3 mA, TA = 25°C
28
–
–
V
Supply Current
ICC(Low)
Low-current state (Running mode)
5
–
8
mA
ICC(High)
High-current state (Running mode)
12
–
16
mA
ICC(SU)(Low) Startup current level and Power-On mode
5
–
8.5
mA
Supply Current Ratio
ICC(High)
/ ICC(Low)
Measured as a ratio of high current to low
current
1.9
–
–
–
OUTPUT STAGE
Output Rise Time
tr
Δl/Δt from 10% to 90% ICC level; corresponds
to measured output slew rate with CSUPPLY
0
2
4
μs
Output Fall Time
tr
Δl/Δt from 90% to 10% ICC level; corresponds
to measured output slew rate with CSUPPLY
0
2
4
μs
OUTPUT PULSE CHARACTERISTICS [4]
Pulse Width, Forward Rotation
tw(FWD)
38
45
52
μs
Pulse Width, Reverse Rotation
tw(REV)
-xxNxx variant
76
90
104
μs
-xxWxx variant
153
180
207
μs
Pulse Width, Non-Direction
tw(ND)
-xxNPx and -xxNxH variants
153
180
207
μs
-xxWPx and -xxWxH variants
306
360
414
μs
PERFORMANCE CHARACTERISTICS
Operate Point
BOP
% of peak-to-peak VPROC
–
69
–
%
Release Point
BRP
% of peak-to-peak VPROC
–
31
–
%
Operating Frequency, Forward
Rotation
fFWD
-xSxxx variant
0
–
12
kHz
-xDxxx variant
0
–
6
kHz
Operating Frequency, Reverse
Rotation
fREV
-xSNxx variant
0
–
7
kHz
-xDNxx variant
0
–
3.5
kHz
-xSWxx variant
0
–
4
kHz
-xDWxx variant
0
–
2
kHz
Operating Frequency, Non-Direction
Pulses [5]
fND
-xSNxx variant
0
–
4
kHz
-xDNxx variant
0
–
2
kHz
-xSWxx variant
0
–
2.2
kHz
-xDWxx variant
0
–
1.1
kHz
Continued on the next page…
OPERATING CHARACTERISTICS: valid throughout full operating and temperature ranges; using Reference Target 60-0,
unless otherwise noted.
1
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
2
Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3
Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
4
Load circuit is RL = 100 Ω and CL = 10 pF. Pulse duration measured at threshold of ( (ICC(HIGH) + ICC(LOW)) /2)
5
Maximum Operating Frequency is determined by satisfactory separation of output pulses: ICC(LOW) of tw(FWD)(MIN). If the customer can resolve shorter low-state
durations, maximum fREV and fND may be increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com