Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS699LSN Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS699LSN
Description  Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS699LSN Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS699LSN Datasheet HTML 1Page - Allegro MicroSystems ATS699LSN Datasheet HTML 2Page - Allegro MicroSystems ATS699LSN Datasheet HTML 3Page - Allegro MicroSystems ATS699LSN Datasheet HTML 4Page - Allegro MicroSystems ATS699LSN Datasheet HTML 5Page - Allegro MicroSystems ATS699LSN Datasheet HTML 6Page - Allegro MicroSystems ATS699LSN Datasheet HTML 7Page - Allegro MicroSystems ATS699LSN Datasheet HTML 8Page - Allegro MicroSystems ATS699LSN Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Two-Wire, Differential, Vibration-Resistant Sensor
with Speed and Direction Output
ATS699LSN
5
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
DAC CHARACTERISTICS
Allowable User-Induced Offset
Magnitude valid for both differential magnetic
channels
–60
–
60
G
PERFORMANCE CHARACTERISTICS
Operational Magnetic Range
BIN
Peak to peak differential signal; valid for each
magnetic channel.
30
–
1200
G
Air Gap Range
Using Allegro 60-0 reference target
0.5
–
2.5
mm
Vibration Immunity (Startup)
ErrVIB(SU) See Figure 2
-xxxxL variant
TTARGET
–
–
degrees
-xxxxH variant
TTARGET
–
–
degrees
Vibration Immunity (Running Mode)
ErrVIB
See Figure 2
-xxxxL variant
0.12 ×
TTARGET
–
–
degrees
-xxxxH variant
TTARGET
–
–
degrees
OPERATING CHARACTERISTICS (continued): valid throughout full operating and temperature ranges; using Reference
Target 60-0, unless otherwise noted.
V
PROC
V= the processed analog signal of the sinusoidal magnetic input (per channel)
PROC
T
VPROC
T
TARGET
T= the period between successive similar (rising or falling) sensed magnetic edges
TARGET
Target
Valley
Tooth
V
PROC(BRP)
V
PROC(BOP)
V
PROC(pk-pk)
V
PROC(pk-pk)
V
SP
V
SP
V
SP
V=
SP(sep)
(B )
OP
(B )
RP
360º (degrees prime)
Figure 2: Definition of TTARGET
1
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com