Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS699LSN Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS699LSN
Description  Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS699LSN Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS699LSN Datasheet HTML 2Page - Allegro MicroSystems ATS699LSN Datasheet HTML 3Page - Allegro MicroSystems ATS699LSN Datasheet HTML 4Page - Allegro MicroSystems ATS699LSN Datasheet HTML 5Page - Allegro MicroSystems ATS699LSN Datasheet HTML 6Page - Allegro MicroSystems ATS699LSN Datasheet HTML 7Page - Allegro MicroSystems ATS699LSN Datasheet HTML 8Page - Allegro MicroSystems ATS699LSN Datasheet HTML 9Page - Allegro MicroSystems ATS699LSN Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Two-Wire, Differential, Vibration-Resistant Sensor
with Speed and Direction Output
ATS699LSN
6
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS (continued): valid throughout full operating and temperature ranges; using Reference
Target 60-0, unless otherwise noted.
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
INPUT MAGNETIC CHARACTERISTICS
Allowable Differential Sequential
Signal Variation 1
BSEQ(n+1) /
BSEQ(n)
Signal cycle-to-cycle variation (see Figure 3)
0.6
–
–
–
Allowable Differential Sequential
Signal Variation 2
BSEQ(n+1) /
BSEQ(n)
Overall signal variation (see Figure 3)
0.4
–
–
–
CALIBRATION
First Direction Output Pulse[2]
Amount of target
rotation (constant
direction) following
power-on until first
electrical output pulse
of either tw(FWD) or
tw(REV). See Figure 2.
BIN > 60 GPP
BIN ≤ 1200 GPP
–
2 ×
TTARGET
< 3 ×
TTARGET
degrees
30 GPP ≤ BIN
BIN ≤ 60 GPP
–
2.5 ×
TTARGET
< 4 ×
TTARGET
degrees
First Direction-Pulse Output Following
Direction Change
NCD
Amount of target
rotation (constant
direction) following
event until first
electrical output pulse
of either tw(FWD) or
tw(REV). VSP(sep) ≥ 35.
See Figure 2..
-xxxxL variant
–
1
–
switch-
point
-xxxxH variant
1 ×
TTARGET
2 ×
TTARGET
< 3 ×
TTARGET
degrees
First Direction-Pulse Output Following
Running Mode Vibration
Amount of target
rotation (constant
direction) following
event until first
electrical output pulse
of either tw(FWD) or
tw(REV). See Figure 2
-xxxxL variant
–
–
1.25 ×
TTARGET
degrees
-xxxxH variant
1 ×
TTARGET
2 ×
TTARGET
< 3 ×
TTARGET
1
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
2
Power-up frequencies ≤ 200 Hz. Higher power-on frequencies may require more input magnetic cycles until output edges are achieved.
B
SEQ(n)
B
SEQ(n + 1)
B, i≥ 2
SEQ(n+1)
Figure 3: Differential Signal Variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com