Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1905 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # SC1905
Description  698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1905 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button SC1905 Datasheet HTML 5Page - Maxim Integrated Products SC1905 Datasheet HTML 6Page - Maxim Integrated Products SC1905 Datasheet HTML 7Page - Maxim Integrated Products SC1905 Datasheet HTML 8Page - Maxim Integrated Products SC1905 Datasheet HTML 9Page - Maxim Integrated Products SC1905 Datasheet HTML 10Page - Maxim Integrated Products SC1905 Datasheet HTML 11Page - Maxim Integrated Products SC1905 Datasheet HTML 12Page - Maxim Integrated Products SC1905 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Detailed Description
The SC1905 is the latest generation of RFPAL linearizer IC. The maximum signal bandwidth has been increased to
100MHz from the previous generation SC1894 device in order to support 5G signals.
Introduction to Predistortion Using the SC1905
Wideband signals in today’s telecommunications systems have high peak-to-average ratios and stringent spectral
regrowth specifications. These specifications place high linearity demands on power amplifiers. Linearity may be
achieved by backing off output power at the price of reducing efficiency. However, this increases the component and
operating costs of the power amplifier. Better linearity may be achieved through the use of digital predistortion and other
linearization techniques, but many of these are time consuming and costly to implement. Wireless service providers are
deploying networks with wider coverage, greater subscriber density, and higher data rates. These networks require more
efficient power amplifiers. Additionally, the emergence of distributed architectures and active antenna systems is driving
the need for smaller and more efficient power amplifier implementations. Further, there continues to be a strong push
toward reducing the total capital and operating costs of base stations.
With the SC1905, the complex signal processing is done in the RF domain. This results in a simple system-on-chip that
offers wide signal bandwidth, broad frequency of operation, and very low power consumption. It is an elegant solution
that reduces development costs and speeds time to market. Applicable across a broad range of signals—including 2G,
3G, 4G, 5G wireless, and other modulation types—the powerful analog signal-processing engine is capable of linearizing
the most efficient power amplifier topologies. The SC1905 is a true RFin and RFout solution, supporting modular power
amplifier designs that are independent of the baseband and transceiver subsystems. The SC1905 delivers the required
efficiency and performance demanded by today’s wireless systems.
SC1905
698MHz to 3800MHz RF Power Amplifier Linearizer
(RFPAL)
www.maximintegrated.com
Maxim Integrated | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com