Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1905 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # SC1905
Description  698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1905 Datasheet(HTML) 3 Page - Maxim Integrated Products

  SC1905 Datasheet HTML 1Page - Maxim Integrated Products SC1905 Datasheet HTML 2Page - Maxim Integrated Products SC1905 Datasheet HTML 3Page - Maxim Integrated Products SC1905 Datasheet HTML 4Page - Maxim Integrated Products SC1905 Datasheet HTML 5Page - Maxim Integrated Products SC1905 Datasheet HTML 6Page - Maxim Integrated Products SC1905 Datasheet HTML 7Page - Maxim Integrated Products SC1905 Datasheet HTML 8Page - Maxim Integrated Products SC1905 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics
(Operation at +25°C, A/DVDD18 = 1.85V, A/DVDD33 = 3.3V, A/DVDD18 = 1.85V, and 20MHz external clock, unless otherwise
specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Rating
Operating Case
Temperature
-40
105
ºC
DC Electrical Characteristics
Supply Voltage (A/
VDD33 to GND)
3.1
3.3
3.5
V
Supply Voltage (A/
VDD18 to GND)
1.75
1.85
1.95
V
Average Power
Dissipation
(Note 1) (Note 2) (Note 5)
1280
1700
mW
Supply Peak Current (A/
VDD33 to GND)
(Note 1) (Note 2) (Note 5)
95
120
mA
Supply Peak Current (A/
VDD18 to GND)
(Note 1) (Note 2) (Note 5)
942
1100
mA
Radio Frequency Signals
Operating Frequency
698 -
3800
MHz
Input Signal Bandwidth
(Note 3) (Note 4)
5 - 100
MHz
Noise Power
Referred to 0dBm at PA input
-140
dBm/Hz
RF Input Range for Maximum Correction—700MHz to 2700MHz
Minimum Peak
RFIN_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
-2
dBm
Peak RFIN_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
+4
dBm
Maximum Peak
RFIN_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
+6
dBm
Minimum Peak
RFFB_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
-12
dBm
Peak RFFB_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
-4
dBm
Maximum Peak
RFFB_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
-2
dBm
RFIN_BLN Operating
Range
Average power, over PA output power
range
-49 to -4
dBm
RFFB_BLN Operating
Range
Average power, over PA output power
range
-52 to
-12
dBm
RF Input Range for Maximum Correction—2700MHz to 3300MHz
Peak RFIN_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
+6
dBm
Peak RFFB_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
-4
dBm
SC1905
698MHz to 3800MHz RF Power Amplifier Linearizer
(RFPAL)
www.maximintegrated.com
Maxim Integrated | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com