Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1905 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # SC1905
Description  698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1905 Datasheet(HTML) 2 Page - Maxim Integrated Products

  SC1905 Datasheet HTML 1Page - Maxim Integrated Products SC1905 Datasheet HTML 2Page - Maxim Integrated Products SC1905 Datasheet HTML 3Page - Maxim Integrated Products SC1905 Datasheet HTML 4Page - Maxim Integrated Products SC1905 Datasheet HTML 5Page - Maxim Integrated Products SC1905 Datasheet HTML 6Page - Maxim Integrated Products SC1905 Datasheet HTML 7Page - Maxim Integrated Products SC1905 Datasheet HTML 8Page - Maxim Integrated Products SC1905 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings
Supply Voltage (A/VDD33 to GND)....................... -0.3V to +3.8V
Supply Voltage (A/VDD18 to GND)....................... -0.2V to +2.2V
Input Voltage (1.8V pins) ...................... -0.2V to A/VDD18 + 0.2V
Input Voltage (3.3V pins) ...................... -0.3V to A/VDD33 + 0.3V
Input into the BALUN (RMS) ............................................. +7dBm
Storage Temperature Range ..............................-65°C to +150°C
Operating Case Temperature ...............................-40°C to 105°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Package Information
QFN-64
Package Code
K6499MK+1B
Outline Number
21-0765
Land Pattern Number
90-0605
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages.
Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/
thermal-tutorial.
SC1905
698MHz to 3800MHz RF Power Amplifier Linearizer
(RFPAL)
www.maximintegrated.com
Maxim Integrated | 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com