Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61523FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61523FP
Description  Electronic Volume with Scf Type Tone Control To 6 Speakers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61523FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61523FP Datasheet HTML 9Page - Renesas Technology Corp M61523FP Datasheet HTML 10Page - Renesas Technology Corp M61523FP Datasheet HTML 11Page - Renesas Technology Corp M61523FP Datasheet HTML 12Page - Renesas Technology Corp M61523FP Datasheet HTML 13Page - Renesas Technology Corp M61523FP Datasheet HTML 14Page - Renesas Technology Corp M61523FP Datasheet HTML 15Page - Renesas Technology Corp M61523FP Datasheet HTML 16Page - Renesas Technology Corp M61523FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
M61523FP
Rev.1.00, Sep.04.2003, page 13 of 23
Soft-Changing
This IC built in the Soft-changing circuit for reduce the step-noise when internal SW changing.
By this function, Switching noise of no-signal and some signals can be reduced.
At the Time of Volume and Fader Changing
The Soft-changing of Volume and Fader can work as follows,
(1) At the time of Soft-changing (VOL, FAD) ON
(2) Volume : At the time of changing in the 1dB or 2dB step.
Fader : At the time of changing in the 2dB step.
(3) After the last Soft-changing (VOL, FAD) is completed.
Soft-changing time (VOL, FAD) can be select for four kinds of the bottom table.
(Ex.)
volume
0dB
Volume code
-1dB input
Soft-changing(VOL)=ON
volume
-1dB
t
t: Soft-changing time (You can changed by serial DATA.)
Note) Serial DATA isn’t accepted during Soft-changing.
Soft Switching Time (Vol)
Time
D0
D1
60ms
1
1
40ms
1
0
20ms
0
1
5ms
0
0
Soft Switching Time (Fad)
Time
D2
D3
100ms
1
1
80ms
1
0
60ms
0
1
40ms
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com