Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61523FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M61523FP
Description  Electronic Volume with Scf Type Tone Control To 6 Speakers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61523FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M61523FP Datasheet HTML 16Page - Renesas Technology Corp M61523FP Datasheet HTML 17Page - Renesas Technology Corp M61523FP Datasheet HTML 18Page - Renesas Technology Corp M61523FP Datasheet HTML 19Page - Renesas Technology Corp M61523FP Datasheet HTML 20Page - Renesas Technology Corp M61523FP Datasheet HTML 21Page - Renesas Technology Corp M61523FP Datasheet HTML 22Page - Renesas Technology Corp M61523FP Datasheet HTML 23Page - Renesas Technology Corp M61523FP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
M61523FP
Rev.1.00, Sep.04.2003, page 21 of 23
Slot4 Data Code
Gv
D0
D1
D2
D3
0dB
11
11
-1dB
1
1
1
0
-2dB
1
1
0
1
-3dB
1
1
0
0
-4dB
1
0
1
1
-5dB
1
0
1
0
-6dB
10
01
-7dB
10
00
-8dB
01
11
-9dB
01
10
-10dB
01
01
-11dB
01
00
-12dB
00
11
-13dB
00
10
-14dB
00
01
-15dB
00
00
Gv
D4
D5
D6
D7
+12dB
11
10
+10dB
11
01
+8dB
11
00
+6dB
10
11
+4dB
10
10
+2dB
10
01
0dB
00
00
-2dB
00
01
-4dB
00
10
-6dB
00
11
-8dB
01
00
-10dB
01
01
-12dB
01
10
Gv
D8
D9
D10
D11
+16dB
1
0
0
0
+14dB
1
1
1
1
+12dB
1
1
1
0
+10dB
1
1
0
1
+8dB
11
00
+6dB
10
11
+4dB
10
10
+2dB
10
01
0dB
00
00
-2dB
00
01
-4dB
0
0
1
0
-6dB
0
0
1
1
-8dB
0
1
0
0
-10dB
01
01
-12dB
01
10
-14dB
01
11
Gv
+12dB
11
1
0
+10dB
1
1
0
1
+8dB
11
0
0
+6dB
1
0
1
1
+4dB
10
1
0
+2dB
1
0
0
1
0dB
00
0
0
-2dB
0
0
0
1
-4dB
00
1
0
-6dB
0
0
1
1
-8dB
01
0
0
-10dB
0
1
0
1
-12dB
01
1
0
-
∞dB
0
11
1
D12
D13
D14
D15
D16
00
01
10
11
00
01
10
0
0
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
-14dB
-16dB
-18dB
-20dB
-22dB
-24dB
-26dB
Loudness gain
Treble gain
Non FADER
Bass gain
• It is initial setting when power supply turn on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com