Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61523FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M61523FP
Description  Electronic Volume with Scf Type Tone Control To 6 Speakers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61523FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M61523FP Datasheet HTML 15Page - Renesas Technology Corp M61523FP Datasheet HTML 16Page - Renesas Technology Corp M61523FP Datasheet HTML 17Page - Renesas Technology Corp M61523FP Datasheet HTML 18Page - Renesas Technology Corp M61523FP Datasheet HTML 19Page - Renesas Technology Corp M61523FP Datasheet HTML 20Page - Renesas Technology Corp M61523FP Datasheet HTML 21Page - Renesas Technology Corp M61523FP Datasheet HTML 22Page - Renesas Technology Corp M61523FP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
M61523FP
Rev.1.00, Sep.04.2003, page 19 of 23
Slot2 Data Code
Selector
Main
Sub
D0
D3
1
D1
D4
0
IN1
IN2
IN3
Differential input
Gain
Main
Sub
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
10
00
1
10
00
0
01
11
1
01
11
0
01
10
1
01
10
0
01
01
1
01
01
0
01
00
1
01
00
0
00
11
1
00
11
0
00
10
1
00
10
0
00
01
1
00
01
0
00
00
1
00
00
0
+20dB
+18dB
+16dB
+14dB
+13dB
+12dB
+11dB
+10dB
+9dB
+8dB
+7dB
+6dB
+5dB
+4dB
+3dB
+2dB
+1dB
0dB
f0
D18
1
0
0
D19
0
1
0
120Hz
80Hz
50Hz
f0
D16
400Hz
800Hz
0
1
f0
D17
8KHz
12KHz
0
1
Q
D20
1
1
0
0
D21
1
0
1
0
2.0
1.5
1.25
1.0
MUTE
D2
D5
0
011
010
001
000
Input gain control
Input selector
Loudness f0
Treble f0
Bass f0
Bass Q
• It is initial setting when power supply turn on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com