Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX541 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX541
Description  MAX54X Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX541 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX541 Datasheet HTML 1Page - Maxim Integrated Products MAX541 Datasheet HTML 2Page - Maxim Integrated Products MAX541 Datasheet HTML 3Page - Maxim Integrated Products MAX541 Datasheet HTML 4Page - Maxim Integrated Products MAX541 Datasheet HTML 5Page - Maxim Integrated Products MAX541 Datasheet HTML 6Page - Maxim Integrated Products MAX541 Datasheet HTML 7Page - Maxim Integrated Products MAX541 Datasheet HTML 8Page - Maxim Integrated Products MAX541 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DESIGNATION
QTY
DESCRIPTION
AGND (x5),
DGND (x2)
7
Black test points
BUF_OUT1,
BUF_OUT2, CS0,
CS1, DIN0, DIN1,
INV, LDAC, OUT1,
OUT2, SCLK0,
SCLK1, U3_OUTB
13
White test points
C1, C5, C9,
C10, C14, C18,
C19–C22, C38
11
0.1µF Q10%, 16V X7R
ceramic capacitors (0603)
Murata RM188R71C104K
C2, C6,
C11, C15
4
0.01µF Q10%, 50V X7R
ceramic capacitors (0603)
Murata RM188R71H103K
C3, C7,
C12, C16
4
1000pF Q10%, 50V X7R
ceramic capacitors (0603)
Murata RM188R71H102K
C4, C8,
C13, C17
4
180pF Q5%, 50V C0G
ceramic capacitors (0603)
Murata GRM1885C1H181J
C23–C33,
C36, C37, C40,
C41, C42
16
1µF Q10%, 16V X5R ceramic
capacitors (0603)
Murata RM188R61C105K
C34, C35
2
18pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H180J
C39
0
Not installed, ceramic
capacitor (0603)
J1
1
USB type-B, right-angle
PC-mount receptacle
J2
1
10-pin (2 x 5) dual-row
header
J3
0
Not installed, 4-pin header
JU1–JU13
13
3-pin headers
JU14, JU15, JU16,
JU_ID0–JU_ID3
7
2-pin headers
DESIGNATION
QTY
DESCRIPTION
L1
1
Ferrite bead (0603)
TDK MMZ1608R301A
OP1+, OP2+,
OP2-, REF, VDD
5
Red test points
R1, R7
2
10kI Q5% resistors (0603)
R2
1
100I Q5% resistor (0603)
R3–R6
4
2kI Q5% resistors (0603)
U1
1
+5V, unipolar, voltage-output,
16-bit DAC (8 SO)
Maxim MAX541AESA+
U2
1
+5V, bipolar, voltage-output,
16-bit DAC (14 SO)
Maxim MAX542AESD+
U3
1
Output buffer (8 SOT23)
Maxim MAX44251AKA+T
U4
1
Output buffer (8 SO)
Maxim MAX9632ASA+
U5
1
2.5V voltage reference (8 SO)
Maxim MAX6126AASA25+
U6, U7, U8
3
Level translators (10 µMAXM)
Maxim MAX1840EUB+
U11
1
Microcontroller (64 LQFP)
Maxim MAXQ622G-0000+
U9
1
3.3V LDO (5 SC70)
Maxim MAX8511EXK33+
U10
0
Not installed, ESD protector
(6 SOT23)
Y1
1
12MHz crystal (HCM49)
—
1
USB high-speed A-to-B
cable, 5ft (1.5m)
—
1
MAX54X EV kit CD
—
20
Shunts
—
1
PCB: MAX541/2
EVALUATION KIT
SUPPLIER
PHONE
WEBSITE
Murata Electronics North America Inc.
770-436-1300
www.murata-northamerica.com
TDK Corp.
847-803-6100
www.component.tdk.com
_________________________________________________________________ Maxim Integrated Products 2
MAX54X Evaluation Kit
Evaluates: MAX541/MAX542
Component List
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Note: Indicate the specific Maxim part number you are using when contacting these component suppliers.
Component Suppliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com