Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX541 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX541
Description  MAX54X Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX541 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX541 Datasheet HTML 1Page - Maxim Integrated Products MAX541 Datasheet HTML 2Page - Maxim Integrated Products MAX541 Datasheet HTML 3Page - Maxim Integrated Products MAX541 Datasheet HTML 4Page - Maxim Integrated Products MAX541 Datasheet HTML 5Page - Maxim Integrated Products MAX541 Datasheet HTML 6Page - Maxim Integrated Products MAX541 Datasheet HTML 7Page - Maxim Integrated Products MAX541 Datasheet HTML 8Page - Maxim Integrated Products MAX541 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your
computer
MAX54X.EXE
Application program
USBConverterDLL.DLL
Application library
UNINSTALL.EXE
Uninstalls the EV kit software
_________________________________________________________________ Maxim Integrated Products 3
MAX54X Evaluation Kit
Evaluates: MAX541/MAX542
Quick Start
Required Equipment
• MAX54XEVkit
• MAX54XEVkitCD
• User-supplied Windows XP, Windows Vista, or
Windows 7 PC with a spare USB port
• Voltmeter
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and under-
lined refers to items from the Windows operating system.
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation. Caution: Do not turn on
the power supply until all connections are completed.
1) Visit www.maxim-ic.com/evkitsoftware to download
the latest version of the EV kit software, 54XRxx.ZIP.
Save the EV kit software to a temporary folder and
uncompress the ZIP file.
2) Install the EV kit software on your computer by run-
ning the INSTALL.EXE program inside the temporary
folder. The program files are copied and icons are
created in the Windows Start | Programs menu.
3) Verify that all jumpers are in their default positions, as
shown in Table 2.
4) Connect the USB cable from the PC to the EV kit
board; the USB driver is installed automatically.
5) Connect the positive input of the voltmeter to the
BUF_OUT1 connector. Connect the negative input of
the voltmeter to the AGND connector.
6) Start the EV kit software by opening its icon in the
Start | Programs menu. The EV kit software main
window appears, as shown in Figure 1.
7) The main window should display Hardware
Connected in the bottom-left corner.
8) In the MAX541 group box, enter FFFF in the DIN
Register edit box and press the Enter button.
9) The voltmeter should show a voltage value of approxi-
mately +2.5V.
10) Connect the positive input of the voltmeter to the
BUF_OUT2 connector.
11) In the MAX542 group box, click on the LDAC low
radio button, enter FFFF in the DIN Register edit
box, and press the Enter button.
12) The voltmeter should show a voltage value of approx-
imately +2.5V.
Detailed Description of Software
In the main window of the evaluation software (Figure 1),
the user can type in the reference voltage in the REF
Voltage edit box. The software then calculates the DAC
output voltages based on the reference voltage and the
DAC input register value.
The MAX541 group box controls the MAX541 unipolar
DAC on the EV kit board. The MAX542 group box controls
the MAX542 bipolar DAC on the EV kit board.
To change the DAC input register value, type in the
desired value in the DIN Register edit box and press
the Enter button. The user can also move the track bar
to change the DAC input register value. The DIN code
and the target DAC output voltages are displayed for
verification.
Selecting the LDAC High radio button in the MAX542
group box sets the MAX542 /LDAC pin high; selecting
the LDAC Low radio button sets the MAX542 LDAC pin
low. When the LDAC Low radio button is selected, the
output of the DAC updates immediately when the DAC
input register is updated. Pressing the LDAC Pulse but-
ton generates a low pulse on the MAX542 LDAC pin and
updates the output of the DAC.
For the MAX542, the target output voltages are calculated
based on the selected mode in the Output Mode radio
group box.
Click on the Connect menu item to connect the board to
the software if the USB connection is lost.
Detailed Description of Hardware
The MAX54X EV kit provides a proven design to evaluate
the installed MAX541/MAX542 serial-input, voltage-output,
16-bit DACs. The DACs are controlled by an on-board
MAXQ microcontroller that provides two separate SPI
control interfaces.
The EV kit provides on-board +2.5V high-precision volt-
age references. Use jumper JU2 to select from different
reference sources.
The EV kit connects one precision bipolar buffer
(MAX9632) to the MAX542 and one ultra-precision uni-
polar buffer (MAX44251) to the MAX541.
MAX54X EV Kit Files



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com