Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX541 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX541
Description  MAX54X Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX541 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX541 Datasheet HTML 1Page - Maxim Integrated Products MAX541 Datasheet HTML 2Page - Maxim Integrated Products MAX541 Datasheet HTML 3Page - Maxim Integrated Products MAX541 Datasheet HTML 4Page - Maxim Integrated Products MAX541 Datasheet HTML 5Page - Maxim Integrated Products MAX541 Datasheet HTML 6Page - Maxim Integrated Products MAX541 Datasheet HTML 7Page - Maxim Integrated Products MAX541 Datasheet HTML 8Page - Maxim Integrated Products MAX541 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PART
TEMP RANGE
PIN-PACKAGE
INL (LSB)
MAX541ACSA+
0NC to +70NC
8 SO
Q
1
MAX541BCSA+
0NC to +70NC
8 SO
Q
2
MAX541CCSA+
0NC to +70NC
8 SO
Q
4
MAX541AESA+
-40NC to +85NC
8 SO
Q
1
MAX541BESA+
-40NC to +85NC
8 SO
Q
2
MAX541CESA+
-40NC to +85NC
8 SO
Q
4
MAX542ACSD+
0NC to +70NC
14 SO
Q
1
MAX542BCSD+
0NC to +70NC
14 SO
Q
2
MAX542CCSD+
0NC to +70NC
14 SO
Q
4
MAX542AESD+
-40NC to +85NC
14 SO
Q
1
MAX542BESD+
-40NC to +85NC
14 SO
Q
2
MAX542CESD+
-40NC to +85NC
14 SO
Q
4
JUMPER
SHUNT
POSITION
DESCRIPTION
JU1
1-2*
MAX541/MAX542 VDD connected to the USB power supply.
2-3
MAX541/MAX542 VDD connected to the external power supply on the EXT_VDD connector.
JU2
1-2*
REF input connected to the on-board +2.5V voltage reference.
2-3
REF input connected to the external reference on the REF connector.
JU3
1-2*
MAX541 SCLK pin connected to the MAXQ622.
2-3
MAX541 SCLK pin connected to the SCLK0 connector.
JU4
1-2*
MAX541 DIN pin connected to the MAXQ622.
2-3
MAX541 DIN pin connected to the DIN0 connector.
JU5
1-2*
MAX541 CS pin connected to the MAXQ622.
2-3
MAX541 CS pin connected to the CS0 connector.
JU6
1-2*
MAX44251 VDD connected to the USB power supply.
2-3
MAX44251 VDD connected to the external power supply on the OP1+ connector.
JU7
1-2*
MAX542 SCLK pin connected to the MAXQ622.
2-3
MAX542 SCLK pin connected to the SCLK1 connector.
JU8
1-2*
MAX542 DIN pin connected to the MAXQ622.
2-3
MAX542 DIN pin connected to the DIN1 connector.
JU9
1-2*
MAX542 CS pin connected to the MAXQ622.
2-3
MAX542 CS pin connected to the CS1 connector.
JU10
1-2*
MAX542 LDAC pin connected to the MAXQ622.
2-3
MAX542 LDAC pin connected to the LDAC connector.
JU11
1-2*
MAX9632 VEE connected to the analog ground.
2-3
MAX9632 VEE connected to the external power supply on the OP2- connector.
JU12
1-2*
MAX9632 IN- input connected to the OUT output of the MAX9632.
2-3
MAX9632 IN- input connected to the INV signal of the MAX542.
JU13
1-2*
MAX9632 VCC connected to the USB power supply.
2-3
MAX9632 VCC connected to the external power supply on the OP2+ connector.
JU14
1-2
MAX542 RFB input connected to the MAX9632 OUT output.
Pin 1*
MAX542 RFB input disconnected from the MAX9632 OUT output.
JU15
1-2*
MAX44251 INB- input connected to the analog ground through a 2kI resistor.
Pin 1
MAX44251 INB- input disconnected from the analog ground.
JU16
1-2*
MAX44251 INB+ input connected to the analog ground through a 2kI resistor.
Pin 1
MAX44251 INB+ input disconnected from the analog ground.
JU_ID0–JU_ID3
1-2*
Factory test jumpers.
_________________________________________________________________ Maxim Integrated Products 5
MAX54X Evaluation Kit
Evaluates: MAX541/MAX542
Table 1. Pin-Compatible Devices Selector Guide
Table 2. Jumper Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com